Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

300 Datasheet(PDF) 7 Page - Magnetrol International, Inc.

Part # 300
Description  ECHOTEL짰NON-CONTACTULTRASOUND
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAGNETROL [Magnetrol International, Inc.]
Direct Link  http://www.magnetrol.com
Logo MAGNETROL - Magnetrol International, Inc.

300 Datasheet(HTML) 7 Page - Magnetrol International, Inc.

  300 Datasheet HTML 1Page - Magnetrol International, Inc. 300 Datasheet HTML 2Page - Magnetrol International, Inc. 300 Datasheet HTML 3Page - Magnetrol International, Inc. 300 Datasheet HTML 4Page - Magnetrol International, Inc. 300 Datasheet HTML 5Page - Magnetrol International, Inc. 300 Datasheet HTML 6Page - Magnetrol International, Inc. 300 Datasheet HTML 7Page - Magnetrol International, Inc. 300 Datasheet HTML 8Page - Magnetrol International, Inc.  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
7
NON-CONTACT ULTRASOUND
355 ForLiquidLevel,
Volume or Open
Channel Flow
Model 355 Transmitter Specifications
Power Supply
16 to 36 VDC
Power Consumption
Less than 1 Watt
Output Signal
4–20 mA with optional HART®
Fault Detection
Selectable from 3.6, 22 mA, or hold
Damping
Adjustable from 1–60
Ambient Temperature
-40° to +175° F (-40° to 80° C)
Display
2-line
× 16-character LCD
Keypad
4-push-button menu-driven
Compensation
Auto temperature compensation
over transducer operating range
Accuracy
Greater of ±0.2% of range or
0.24 inch (6 mm)
Repeatability
±0.125 inch (3 mm)
Resolution
0.1 inch (2.5 mm)
Linearity
±0.4 inch (10 mm)
Response Time
Less than 1 second (typical)
Warm-up Time
30 seconds
Enclosure
Cast aluminum or Lexan®
Protection
NEMA 6 (IP 67)
Transducer Specifications
Frequency
60 kHz
Beam Angle
Conical 10°
Max Range
20 feet (6 meters)
Blocking Distance
10 inches (250 mm)
Process Temp
-40° to +175° F (-40° to +80° C)
Process Pressure
0 to 43.5 psig (0 to 3 bar)
Material
Kynar® Flex (PVDF) or polypropylene
Protection
NEMA 6P (IP 68)
• Sump, Well, Tank Level
• Highly Viscous Media
• Paint, Ink & Solvents
• Food & Beverage Vessels
• Batch & Day Tanks
Applications
Outstanding measurement performance and value
in a two-wire, integral transmitter featuring flexible
software and advanced signal processing.
Temperature Compensated Echo Rejection
The Model 355 has a patent-pending echo rejection technique that
constantly adjusts the rejected echo profile based on the current
sound propagation velocity. This technique keeps the transmitter track-
ing the actual liquid level as opposed to false targets even when tem-
perature changes alter the shape of the echo rejection profile.
Dual Flow Totalizers
Two 7-digit flow totalizers are provided for
recording flow. One totalizer is resettable and
the other is non-resettable. Several multipliers
are selectable to allow for proper scaling.
Totalizer time is also recorded to show how
long each totalizer has been recording flow.
Stored Tank Shapes for Volume
Volume configuration with the 355 is as easy as selecting the tank
shape and inputting 1–3 dimensions. While a 20-point custom table is
also available, selecting the actual tank shape provides for a fast and
accurate configuration for a variety of common tank shapes.



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com