Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

301 Datasheet(PDF) 3 Page - Magnetrol International, Inc.

Part # 301
Description  ECHOTEL짰NON-CONTACTULTRASOUND
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAGNETROL [Magnetrol International, Inc.]
Direct Link  http://www.magnetrol.com
Logo MAGNETROL - Magnetrol International, Inc.

301 Datasheet(HTML) 3 Page - Magnetrol International, Inc.

  301 Datasheet HTML 1Page - Magnetrol International, Inc. 301 Datasheet HTML 2Page - Magnetrol International, Inc. 301 Datasheet HTML 3Page - Magnetrol International, Inc. 301 Datasheet HTML 4Page - Magnetrol International, Inc. 301 Datasheet HTML 5Page - Magnetrol International, Inc. 301 Datasheet HTML 6Page - Magnetrol International, Inc. 301 Datasheet HTML 7Page - Magnetrol International, Inc. 301 Datasheet HTML 8Page - Magnetrol International, Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
3
more dense, resulting in slower sound velocity. Since
measurement is directly dependent on sound speed, it is
necessary to compensate for temperature changes. All
Magnetrol’s transducers include a temperature compensa-
tion circuit which continuously monitors the temperature
at the sensor and compensates for variations over the full
temperature range of the transducer.
Ultrasonic non-contact devices are typically rated for
a maximum range in ideal conditions. But process condi-
tions can impact the maximum range of measurement.
These conditions include surface agitation, vapors and
steam, foam and air movement. A derating multiplier can
be computed to yield a new maximum range for optimum
performance. A lower frequency transducer, such as the
38 kHz model, provides increased power with a longer
wavelength to increase measurement range and improve
performance where steam, vapors or turbulence may be
present.
T
Te
ec
ch
hn
no
ollo
og
gy
y A
Ad
dv
va
an
ntta
ag
ge
ess a
an
nd
d L
Liim
miitta
attiio
on
nss
The advantages of non-contact sensing are:
• No contact with corrosive, contaminating liquids.
• Accurate to within 0.25% of measured span.
• Continuous and multiple-point sensing available.
• No moving parts for reduced maintenance.
• Not affected by changes in liquid properties such as
specific gravity, dielectric shifts, pH, etc.
• Intrinsically safe, non-incendive and explosion proof
instruments are available.
Conditions limiting ultrasound’s effectiveness include:
• Surface foam that absorbs the ultrasonic signal.
• Vapors that significantly alter the speed of sound.
• Operating pressures exceeding 50 psig (3.45 bar).
• Temperatures exceeding +200° F (+93° C).
I
Echotel non-contact ultrasonic transmitters have been
engineered to meet the process requirements of major
industries including: Oil & Gas, Chemicals, Food &
Beverage, Power Generation, Pulp and Paper, Water
& Wastewater, Pharmaceutical, and Petrochemical.
Real World Applications
C
Ch
he
em
miic
ca
all F
Fe
ee
ed
d T
Ta
an
nk
kss
IIn
nffllu
ue
en
ntt/
/E
Effffllu
ue
en
ntt F
Fllo
ow
w
C
Clla
arriiffiie
err L
Le
ev
ve
ell
C
Co
on
nd
de
en
nssa
atte
e S
Stto
orra
ag
ge
e
O
Op
pe
en
n A
Attm
mo
ossp
ph
he
erre
e S
Su
um
mp
pss
F
Fu
ue
ell O
Oiill S
Stto
orra
ag
ge
e



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com