Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

335 Datasheet(PDF) 4 Page - Magnetrol International, Inc.

Part # 335
Description  ECHOTEL짰NON-CONTACTULTRASOUND
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAGNETROL [Magnetrol International, Inc.]
Direct Link  http://www.magnetrol.com
Logo MAGNETROL - Magnetrol International, Inc.

335 Datasheet(HTML) 4 Page - Magnetrol International, Inc.

  335 Datasheet HTML 1Page - Magnetrol International, Inc. 335 Datasheet HTML 2Page - Magnetrol International, Inc. 335 Datasheet HTML 3Page - Magnetrol International, Inc. 335 Datasheet HTML 4Page - Magnetrol International, Inc. 335 Datasheet HTML 5Page - Magnetrol International, Inc. 335 Datasheet HTML 6Page - Magnetrol International, Inc. 335 Datasheet HTML 7Page - Magnetrol International, Inc. 335 Datasheet HTML 8Page - Magnetrol International, Inc.  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
4
NON-CONTACT ULTRASOUND
300/301 ForLiquidLevel,
Volume or Open
Channel Flow
Available as an integral or remote mounted unit,
this versatile and powerful ultrasonic transmitter
is easy to install and quick to calibrate.
Advanced Electronics
Isolated 4–20 mA output with an active/passive mode for
loop power or device power. RS-485 with Modbus protocol
allows bi-directional communication with DCS or PLC. Two
or four 10 amp SPDT gold flash relays for a wide variety of
alarm and control schemes.
Explosion-Proof Transmitter and Transducer
The Model 300/301 has Explosion-Proof FM and CSA
agency approvals for both the transducer and the trans-
mitter: Class
I
, Division 1, Groups B, C, and D.
Fast, Password-Protected Calibration
Unique QuickCal™ calibration feature allows complete system
calibration in 90 seconds. A password protection feature also
prevents unwanted tampering with the configuration data.
Model 300/301 Transmitter Specifications
Power Supply
120 VAC ±10%, 50-60 Hz
240 VAC ±10%, 50-60 Hz
24 VDC ±20%
Power Consumption
12 watts maximum
Analog Output Signal
Active Mode
4–20 mA (isolated); maximum of
1,000
Ωloopresistance
Passive Mode
4–20 mA (isolated); loop resist-
ance dependent on power supply
(32 volt max) 1,000
Ω@24volts
Digital Output
RS-485 with Modbus
Relays
10 amp SPDT resistive (0, 2 or 4)
Fail-safe
User selectable for analog and
relay outputs
Ambient Temperature
Electronics
-40° to +160° F (-40° to +71° C)
Display
Two-line, 32 character LCD
Keypad
16-button (inside housing)
Response Time
2 seconds, typical
Accuracy
±0.25% of calibrated span
• Viscous Fluids
• Acids, Caustics
• Water & Wastewater
• Chemicals
• Pulp & Paper
• Power Generation
Applications
Model 300/301
A 16-button keypad and
two-line, 16-character
LCD display is inside
the explosion-proof
housing
Transducer Specifications
Frequency
38 kHz
Beam Angle
Conical 12°
Max Range/Span
30 feet (9.1 m) / 28.5 feet (8.7 m)
Dead Zone
18 inches (460 mm) minimum
Process Temp
-40° to +163° F (-40° to +73° C)
Process Pressure
Atmospheric to 50 psig (3.45 bar)
Cable Length
500 feet maximum



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com