Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

344 Datasheet(PDF) 6 Page - Magnetrol International, Inc.

Part # 344
Description  ECHOTEL짰NON-CONTACTULTRASOUND
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAGNETROL [Magnetrol International, Inc.]
Direct Link  http://www.magnetrol.com
Logo MAGNETROL - Magnetrol International, Inc.

344 Datasheet(HTML) 6 Page - Magnetrol International, Inc.

  344 Datasheet HTML 1Page - Magnetrol International, Inc. 344 Datasheet HTML 2Page - Magnetrol International, Inc. 344 Datasheet HTML 3Page - Magnetrol International, Inc. 344 Datasheet HTML 4Page - Magnetrol International, Inc. 344 Datasheet HTML 5Page - Magnetrol International, Inc. 344 Datasheet HTML 6Page - Magnetrol International, Inc. 344 Datasheet HTML 7Page - Magnetrol International, Inc. 344 Datasheet HTML 8Page - Magnetrol International, Inc.  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
NON-CONTACT ULTRASOUND
6
344/345 ForLiquidLevel,
Volume or Open
Channel Flow
A remote mounted, full-featured ultrasonic transmitter with
extensive agency approvals. Many transducer configurations
and transmitter options are available for greater versatility.
Convenient Front Panel Interface
Front panel keypad makes programming convenient;
once wired, there’s no need to open the enclosure.
A large, 16-character alphanumeric display shows all
parameters and a password code prevents unautho-
rized tampering with configuration data.
Choice of Transducers
The Model 344 employs the powerful 38 kHz Kynar transducer
used primarily for level and volume applications. The Model 345
uses the 50 kHz transducer, available either in Kynar or 316
stainless steel. Transducers feature temperature compensation.
Full-Featured Electronics
Automatic, continuous self-test checks transducer
signal, temperature sensor, all outputs and system
functionality for proper operation. False target
buffering feature eliminates signal interference for
up to nine fixed tank obstructions.
Model 344/345 Transmitter Specifications
Power Supply
120 VAC ±10%, 50-60 Hz
240 VAC ±10%, 50-60 Hz
24 VDC ±20%
Power Consumption
12 watts (without heater)
Output Signal
4–20 mA isolated (1,000
Ωload),
RS-232 (data logger downloading)
Relays
Four, 10-amp resistive, SPDT
Fail-safe
User selectable for analog and
relay outputs
Display
16-character alphanumeric
Keypad
16-button integral to front panel
Response Time
2 seconds, typical
Accuracy
±0.25% of configured span
Ambient Temperature
with Heater & Thermostat -40° to +160° F (-40° to +70° C)
w/o Heater & Thermostat -4° to +160° F (-20° to +70° C)
Agency Approvals
Class
I
, Division 2, Non-incendive
and NEMA 4X from FM and CSA
• Sump & Wastewater
• Slurries, Viscous Fluids
• Pulp & Paper
• Power Generation
• Petrochem
Applications
Transducer Specifications
Frequency
38 kHz
50 kHz
Max Range
35 feet (10.7 m)
25 feet (7.6 m)
Max Span
33.5 feet (10.2 m)
24 feet (7.3 m)
Process Temp
-40° to +163° F
-40° to +200° F
(-40° to +73° C)
(-40° to +93° C)
Process Pressure
Atmospheric to 50 psig (3.45 bar)
Beam Angle
Conical 12°
Cable Length
500 feet maximum
Transducer
Temperature
Outputs
System



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com