Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

345 Datasheet(PDF) 5 Page - Magnetrol International, Inc.

Part # 345
Description  ECHOTEL짰NON-CONTACTULTRASOUND
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAGNETROL [Magnetrol International, Inc.]
Direct Link  http://www.magnetrol.com
Logo MAGNETROL - Magnetrol International, Inc.

345 Datasheet(HTML) 5 Page - Magnetrol International, Inc.

  345 Datasheet HTML 1Page - Magnetrol International, Inc. 345 Datasheet HTML 2Page - Magnetrol International, Inc. 345 Datasheet HTML 3Page - Magnetrol International, Inc. 345 Datasheet HTML 4Page - Magnetrol International, Inc. 345 Datasheet HTML 5Page - Magnetrol International, Inc. 345 Datasheet HTML 6Page - Magnetrol International, Inc. 345 Datasheet HTML 7Page - Magnetrol International, Inc. 345 Datasheet HTML 8Page - Magnetrol International, Inc.  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
5
NON-CONTACT ULTRASOUND
335 ForLiquidLevel,
Volume or Open
Channel Flow
Echotel 335 Transmitter Specifications
Power Supply
85 to 255 VAC
Output Signal
4–20 mA (isolated); 600
Ωload
Fault Detection
Configurable 3 amp SPDT relay,
LED, and 3.6 or 22 mA
Relay
One, 3-amp SPDT
Fail-safe
Software selectable
Ambient Temperature
-22° to +140° F (-30° to +60° C)
Display
Removable six-digit LCD module
with dual function bar graph
Keypad
4-button menu-driven data entry
LED Status Indication
Echo strength, power, relay LED’s
Compensation
Auto temperature compensation
over transducer operating range
Accuracy
±0.2% of measured distance,
plus 0.05% of the range
Enclosure
Dual compartment cast aluminum
Protection
NEMA 6 (IP 67)
• Sump, Well, & Tank Level
• Open Channel Flow
• Water & Wastewater Treatment
• Chemical Storage Tanks
• Food & Beverage Containers
• Pulp & Paper Vessels
Applications
View of LCD
module through
housing cover
window
Enlarged view
of LCD module
in working unit
LCD module
removed
With flexible software, advanced signal processing
and a powerful transducer, the Model 335 offers
outstanding measurement performance and value.
Hinged, Dual Compartments
The LCD module compartment houses the
user interface and the lower compartment
houses the wiring terminals. A screw
release allows the LCD compartment
to swing completely clear of the
wiring module.
Plug-In Display Module
The module offers easy set-up and config-
uration of all process parameters via four
push buttons. The custom graphics LCD
displays six-characters and a bar graph of
signal strength or tank level. The module can
be removed to configure other 335 units.
335 Electronics
Advanced digital signal processing provides
optimum performance in a variety of process
conditions.
L
Transducer Specifications
Frequency
50 kHz
Beam Angle
Conical 7°
Max Range
26 feet (8 m)
Dead Zone
14 inches (350 mm)
Process Temp
-22° to +195° F (-30° to +90° C)
Process Pressure
Atmospheric to 44 psig (3 bar)
Material
Polypropylene
Protection
NEMA 6P (IP68)



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com