Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

D30SC4 Datasheet(PDF) 1 Page - Shindengen Electric Mfg.Co.Ltd

Part # D30SC4
Description  Schottky Rectifiers (SBD) (40V 30A)
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SHINDENGEN [Shindengen Electric Mfg.Co.Ltd]
Direct Link  http://www.shindengen.co.jp/
Logo SHINDENGEN - Shindengen Electric Mfg.Co.Ltd

D30SC4 Datasheet(HTML) 1 Page - Shindengen Electric Mfg.Co.Ltd

  D30SC4 Datasheet HTML 1Page - Shindengen Electric Mfg.Co.Ltd D30SC4 Datasheet HTML 2Page - Shindengen Electric Mfg.Co.Ltd D30SC4 Datasheet HTML 3Page - Shindengen Electric Mfg.Co.Ltd D30SC4 Datasheet HTML 4Page - Shindengen Electric Mfg.Co.Ltd D30SC4 Datasheet HTML 5Page - Shindengen Electric Mfg.Co.Ltd D30SC4 Datasheet HTML 6Page - Shindengen Electric Mfg.Co.Ltd D30SC4 Datasheet HTML 7Page - Shindengen Electric Mfg.Co.Ltd D30SC4 Datasheet HTML 8Page - Shindengen Electric Mfg.Co.Ltd D30SC4 Datasheet HTML 9Page - Shindengen Electric Mfg.Co.Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
D30SC4M
40V 30A
Copyright & Copy;2000 Shindengen Electric Mfg.Co.Ltd
OUTLINE DIMENSIONS
Unit : mm
RATINGS
SHINDENGEN
Case : ITO-3P
FEATURES
APPLICATION
● Tj150℃
● PRRSM avalanche guaranteed
● High current capacity
● Fully Isolated Molding
● Switching power supply
● DC/DC converter
● Home Appliances, Office Equipment
● Telecommunication
Schottky Rectifiers (SBD)
Dual
●Absolute Maximum Ratings (If not specified Tc=25℃)
Item
Symbol
Conditions
Ratings
Unit
Storage Temperature
Tstg
-40∼150
℃
Operating Junction Temperature
Tj
150
℃
Maximum Reverse Voltage
VRM
40
V
Repetitive Peak Surge Reverse Voltage
VRRSM
Pulse width 0.5ms, duty 1/40
45
V
Average Rectified Forward Current
IO
50Hz sine wave, R-load, Rating for each diode Io/2, Tc=112℃
30
A
Peak Surge Forward Current
IFSM
50Hz sine wave, Non-repetitive 1 cycle peak value, Tj=125℃
300
A
Repetitive Peak Surge Reverse Power
PRRSM
Pulse width 10μs, Rating of per diode, Tj=25℃
1000
W
Dielectric Strength
Vdis
Terminals to case, AC 1 minute
1.5
kV
Mounting Torque
TOR
(Recommended torque:0.5N・m)
0.8
N・m
●Electrical Characteristics (If not specified Tc=25℃)
Item
Symbol
Conditions
Ratings
Unit
Forward Voltage
VF
IF=15A,
Pulse measurement, Rating of per diode
Max.0.55
V
Reverse Current
IR
VR =VRM,
Pulse measurement, Rating of per diode
Max. 10
mA
Junction Capacitance
Cj
f=1MHz,
VR=10V,
Rating of per diode
Typ.590
pF
Thermal Resistance
θjc
junction to case
Max.1.6
℃/W


Similar Part No. - D30SC4

ManufacturerPart #DatasheetDescription
logo
Inchange Semiconductor ...
D30SC4M ISC-D30SC4M Datasheet
320Kb / 2P
Schotty Barrier Diode
logo
Shindengen Electric Mfg...
D30SC4M SHINDENGEN-D30SC4M_10 Datasheet
477Kb / 2P
Schottky Barrier Diode
D30SC4M SHINDENGEN-D30SC4M_17 Datasheet
161Kb / 4P
Schottky Barrier Diode
More results

Similar Description - D30SC4

ManufacturerPart #DatasheetDescription
logo
Shindengen Electric Mfg...
D10SC4MR SHINDENGEN-D10SC4MR Datasheet
694Kb / 11P
Schottky Rectifiers (SBD) (40V 10A)
D120SC4M SHINDENGEN-D120SC4M Datasheet
16Kb / 1P
Schottky Rectifiers (SBD) (40V 120A)
D180SC4M SHINDENGEN-D180SC4M Datasheet
17Kb / 1P
Schottky Rectifiers (SBD) (40V 180A)
DF30PC3M SHINDENGEN-DF30PC3M Datasheet
546Kb / 8P
Schottky Rectifiers (SBD) (30V 30A)
DF30SC4M SHINDENGEN-DF30SC4M Datasheet
535Kb / 10P
Schottky Rectifiers (SBD) (40V 30A)
S30SC4M SHINDENGEN-S30SC4M Datasheet
533Kb / 10P
Schottky Rectifiers (SBD) (40V 30A)
S60SC4M SHINDENGEN-S60SC4M Datasheet
643Kb / 10P
Schottky Rectifiers (SBD) (40V 30A)
SF30SC3L SHINDENGEN-SF30SC3L Datasheet
597Kb / 10P
Schottky Rectifiers (SBD) (30V 30A)
SF30SC4 SHINDENGEN-SF30SC4 Datasheet
555Kb / 10P
Schottky Rectifiers (SBD) (40V 30A)
SF30SC6 SHINDENGEN-SF30SC6 Datasheet
560Kb / 10P
Schottky Rectifiers (SBD) (60V 30A)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com