Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

335-AA10-G5P Datasheet(PDF) 21 Page - Magnetrol International, Inc.

Part # 335-AA10-G5P
Description  Non-Contact Ultrasonic Transmitter For Level, Volume, and Open Channel Flow Measurement
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAGNETROL [Magnetrol International, Inc.]
Direct Link  http://www.magnetrol.com
Logo MAGNETROL - Magnetrol International, Inc.

335-AA10-G5P Datasheet(HTML) 21 Page - Magnetrol International, Inc.

Back Button 335-AA10-G5P Datasheet HTML 17Page - Magnetrol International, Inc. 335-AA10-G5P Datasheet HTML 18Page - Magnetrol International, Inc. 335-AA10-G5P Datasheet HTML 19Page - Magnetrol International, Inc. 335-AA10-G5P Datasheet HTML 20Page - Magnetrol International, Inc. 335-AA10-G5P Datasheet HTML 21Page - Magnetrol International, Inc. 335-AA10-G5P Datasheet HTML 22Page - Magnetrol International, Inc. 335-AA10-G5P Datasheet HTML 23Page - Magnetrol International, Inc. 335-AA10-G5P Datasheet HTML 24Page - Magnetrol International, Inc. 335-AA10-G5P Datasheet HTML 25Page - Magnetrol International, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 44 page
background image
1.6.4 Performance Enhancement
Registers 20 through 33 can be used to enhance the per-
formance of the Model 335 in specific applications.
P20: - - - a Damping
Factory default value for P20 is: 5 (60 seconds).
Parameter register 20 can be used to reduce undesired
fluctuations of the display and output, and enhance per-
formance in turbulent applications.
P22: - - - a Dome top tank compensation
Factory default value for P22 is: 0.
Non-contact ultrasonic transmitters can occasionally
receive two or more echoes when the transducer is mount-
ed in the center of a domed top tank. If the transducer can
not be positioned away from the center of the domed top,
the 335 provides compensation to reduce the effects of
multiple echoes.
P23: - - - a Register P23 is not used with the
Model 335
Factory default value for P23 is: 0.
51-637 Echotel Model 335 Ultrasonic Transmitter
21
a
Damping time
Little to no
Moderate to heavy
(seconds)
turbulence/agitation
turbulence/agitation
0
no filtering
only used for testing purposes
13
acceptable
not recommended
26
recommended
acceptable
3
10
recommended
recommended
4
30
recommended
recommended
5
60
recommended
recommended
a
Compensation
Situation
0
OFF
Use when the Model 335
can be mounted off center
in the domed top tank
1
ON
Use when the Model 335 is
mounted in the center of a
domed top tank



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com