Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RBW2ABLKREDIF0 Datasheet(PDF) 1 Page - E-SWITCH

Part # RBW2ABLKREDIF0
Description  E-SWITCH RBW2ABLKREDIF0
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  E-SWITCH [E-SWITCH]
Direct Link  http://www.e-switch.com
Logo E-SWITCH - E-SWITCH

RBW2ABLKREDIF0 Datasheet(HTML) 1 Page - E-SWITCH

  RBW2ABLKREDIF0 Datasheet HTML 1Page - E-SWITCH  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
TITLE
SCALE
DATE
DR
DWG
REV
THE INFORMATION CONTAINED IN THIS DOCUMENT IS PROPRIETARY
TO E-SWITCH AND IS NOT TO BE COPIED OR TRANSFERRED
SHEET
OF
REV
PCR NO
DESCRIPTION
DATE
BY
RBW2ABLKREDIF0
2:1
12/27/2010
Y100004
D
rc
1
1
5
4
2
5
1.2-1.8
PANEL THICKNESS
1.8-2.4
2.4-3.0
30.7/30.8
29.9/30.0
30.3/30.4
X
RECOMMENDED PANEL MOUNTING
2
1
A
19551
New Release
12/29/10
rc
19.00
[.748 in]
10.00
[.394 in]
29.30
[1.154 in]
2.00
[.079 in]
11.00
[.433 in]
25.00
[.984 in]
32.00
[1.260 in]
25.00
[.984 in]
28.00
[1.102 in]
32.00
[1.260 in]
21.50
[.846 in]
8.80 `.50
.346 `.020 in
[]
27.00
[1.063 in]
22.10
[.870 in]
RED ROCKER
MATTE FINISH
BLACK
HOUSING
POS
1
POS
3
POS. 1
POS. 2
POS. 3
SWITCH FUNCTION
N/A
OFF
ON
OPEN
N/A
2-1, 5-4
NOTES:
1. ALL DIMENSIONS IN MM [INCH]
2. GENERAL TOLERANCE: X.X=±0.4
X.XX=±0.25
3. TERM. NOS. FOR REF. ONLY
4. RATING: CUL: 16(16)A 125VAC 5E4 T85
1/3HP 125VAC IP66
VDE: 10(10)A 250VAC 5E4 T85
5. MECHANICAL LIFE: 50,000 CYCLES
6. CONTACT RESISTANCE: <30 MILLI-OHMS INITIAL
7. DIELECTRIC STRENGTH: 1000V AC 1MIN
8.
DENOTES CRITICAL PARAMETER.
9. INSULATION RESISTANCE: 500M OHMS AT 500VDC
10. OPERATING TEMP: -20°C to 85°C
11. RATING: IP66
12. 2002/95/EC (ROHS) COMPLIANT
WHITE
GRAPHIC
2
5
14
CIRCUIT: SPDT
OFF-ON
B
19564
REMOVE TERMINALS 3 AND 6
01/06/11
BMA
.80
[.031 in]
6.30
[.248 in]
11.00
[.433 in]
22.30 -.00
.10
+
.878 - .000
.004
+
in
[]
X
C
19686
UPDATE SYMBOLS ON BODY
02/16/11
BMA
D
20086
ADD RUBBER PLUG & GASKET, was 29.00
8/10/11
BGL
RUBBER GASKET
(Y000100)
D
RUBBER PLUG
BOTH SIDES


Similar Part No. - RBW2ABLKREDIF0

ManufacturerPart #DatasheetDescription
logo
E-SWITCH
RBW2ABLKRILEF1 E-SWITCH-RBW2ABLKRILEF1 Datasheet
162Kb / 1P
E-SWITCH RBW2ABLKRILEF1
More results

Similar Description - RBW2ABLKREDIF0

ManufacturerPart #DatasheetDescription
logo
E-SWITCH
KC52A30.001NPS E-SWITCH-KC52A30.001NPS Datasheet
272Kb / 1P
E-SWITCH KC52A30.001NPS
MS0850500F060S1A E-SWITCH-MS0850500F060S1A Datasheet
57Kb / 1P
E-SWITCH MS0850500F060S1A
MS0850504F020S1A E-SWITCH-MS0850504F020S1A Datasheet
59Kb / 1P
E-SWITCH MS0850504F020S1A
RC1083BBLKBLKGF0 E-SWITCH-RC1083BBLKBLKGF0 Datasheet
56Kb / 1P
E-SWITCH RC1083BBLKBLKGF0
RR111C1121 E-SWITCH-RR111C1121 Datasheet
76Kb / 1P
E-SWITCH RR111C1121
RR511D1121 E-SWITCH-RR511D1121 Datasheet
68Kb / 1P
E-SWITCH RR511D1121
RR812C1121 E-SWITCH-RR812C1121 Datasheet
81Kb / 1P
E-SWITCH RR812C1121
ST143D00 E-SWITCH-ST143D00 Datasheet
63Kb / 1P
E-SWITCH ST143D00
100SP1T1B1M2QEH E-SWITCH-100SP1T1B1M2QEH Datasheet
190Kb / 1P
E-SWITCH 100SP1T1B1M2QEH
100SP3T1B1M1REH E-SWITCH-100SP3T1B1M1REH Datasheet
119Kb / 1P
E-SWITCH 100SP3T1B1M1REH
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com