Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMS320DM8147 Datasheet(PDF) 53 Page - Texas Instruments

Click here to check the latest version.
Part # TMS320DM8147
Description  TMS320DM814x DaVinci Digital Media Processors
PDF  360 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TMS320DM8147 Datasheet(HTML) 53 Page - Texas Instruments

Back Button TMS320DM8147 Datasheet HTML 49Page - Texas Instruments TMS320DM8147 Datasheet HTML 50Page - Texas Instruments TMS320DM8147 Datasheet HTML 51Page - Texas Instruments TMS320DM8147 Datasheet HTML 52Page - Texas Instruments TMS320DM8147 Datasheet HTML 53Page - Texas Instruments TMS320DM8147 Datasheet HTML 54Page - Texas Instruments TMS320DM8147 Datasheet HTML 55Page - Texas Instruments TMS320DM8147 Datasheet HTML 56Page - Texas Instruments TMS320DM8147 Datasheet HTML 57Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 53 / 360 page
background image
TMS320DM8148, TMS320DM8147, TMS320DM8146
www.ti.com
SPRS647B
– MARCH 2011 – REVISED SEPTEMBER 2011
Table 3-5. LPDDR/DDR2/DDR3 Memory Controller 1 Terminal Functions (continued)
SIGNAL
TYPE(1)
OTHER(2) (3)
DESCRIPTION
NAME
NO.
DDR[1] On-Die Termination for Chip Select 1.
IPD/DIS
DDR[1]_ODT[1]
F11
O
The internal pulldown (IPD) is enabled for this pin when the device is
DVDD_DDR[1]
in reset and the IPD is disabled (DIS) when reset is released.
DDR[1] Reset output.
IPD/DIS
DDR[1]_RST
G10
O
The internal pulldown (IPD) is enabled for this pin when the device is
DVDD_DDR[1]
in reset and the IPD is disabled (DIS) when reset is released.
IPU/DIS
DDR[1]_BA[2]
D12
O
DVDD_DDR[1]
DDR[1] Bank Address outputs
IPU/DIS
DDR[1]_BA[1]
A10
O
The internal pullup (IPU) is enabled for these pins when the device is
DVDD_DDR[1]
in reset and the IPU is disabled (DIS) when reset is released.
IPU/DIS
DDR[1]_BA[0]
F14
O
DVDD_DDR[1]
IPU/DIS
DDR[1]_A[14]
D11
O
DVDD_DDR[1]
IPU/DIS
DDR[1]_A[13]
E11
O
DVDD_DDR[1]
IPU/DIS
DDR[1]_A[12]
B10
O
DVDD_DDR[1]
IPU/DIS
DDR[1]_A[11]
A11
O
DVDD_DDR[1]
IPU/DIS
DDR[1]_A[10]
F12
O
DVDD_DDR[1]
IPU/DIS
DDR[1]_A[9]
C14
O
DVDD_DDR[1]
IPU/DIS
DDR[1]_A[8]
E14
O
DVDD_DDR[1]
DDR[1] Address Bus
IPU/DIS
DDR[1]_A[7]
A9
O
The internal pullup (IPU) is enabled for these pins when the device is
DVDD_DDR[1]
in reset and the IPU is disabled (DIS) when reset is released.
IPU/DIS
DDR[1]_A[6]
D14
O
DVDD_DDR[1]
IPU/DIS
DDR[1]_A[5]
B12
O
DVDD_DDR[1]
IPU/DIS
DDR[1]_A[4]
B14
O
DVDD_DDR[1]
IPU/DIS
DDR[1]_A[3]
A14
O
DVDD_DDR[1]
IPU/DIS
DDR[1]_A[2]
C11
O
DVDD_DDR[1]
IPU/DIS
DDR[1]_A[1]
F10
O
DVDD_DDR[1]
IPU/DIS
DDR[1]_A[0]
B11
O
DVDD_DDR[1]
Copyright
© 2011, Texas Instruments Incorporated
Device Pins
53
Submit Documentation Feedback
Product Folder Link(s): TMS320DM8148 TMS320DM8147 TMS320DM8146



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com