Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

705-5100-110 Datasheet(PDF) 21 Page - Magnetrol International, Inc.

Part # 705-5100-110
Description  Enhanced Model 705
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAGNETROL [Magnetrol International, Inc.]
Direct Link  http://www.magnetrol.com
Logo MAGNETROL - Magnetrol International, Inc.

705-5100-110 Datasheet(HTML) 21 Page - Magnetrol International, Inc.

Back Button 705-5100-110 Datasheet HTML 17Page - Magnetrol International, Inc. 705-5100-110 Datasheet HTML 18Page - Magnetrol International, Inc. 705-5100-110 Datasheet HTML 19Page - Magnetrol International, Inc. 705-5100-110 Datasheet HTML 20Page - Magnetrol International, Inc. 705-5100-110 Datasheet HTML 21Page - Magnetrol International, Inc. 705-5100-110 Datasheet HTML 22Page - Magnetrol International, Inc. 705-5100-110 Datasheet HTML 23Page - Magnetrol International, Inc. 705-5100-110 Datasheet HTML 24Page - Magnetrol International, Inc. 705-5100-110 Datasheet HTML 25Page - Magnetrol International, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 68 page
background image
21
57-600 Eclipse Guided Wave Radar Transmitter
2.6.5 Model 705 Menu: Step-By-Step Procedure
The following tables provide a complete explanation of
the software menus displayed by the Eclipse transmitter.
Use these tables as a step-by-step guide to configure the
transmitter based on a desired measurement type of:
• Level Only, Section 2.6.5.1
• Level and Volume, Section 2.6.5.2
• Interface Level, Section 2.6.5.3
• Interface Level and Volume, Section 2.6.5.4
The tables are separated to display the parameters based
on the measurement type. The second column presents
the menus shown on the transmitter display. The displays
are in the order they would appear if the arrow keys were
used to scroll through the menu. The numbers in the first
column are not shown on the display. They are only pro-
vided as a reference.
The third column provides the actions to take when con-
figuring the transmitter. Additional information or an
explanation of an action is given in the fourth column.
(Shaded sections are factory menu items).
2.6.5.1 Measurement Type: Level Only (Loop Control = Level)
Display
Action
Comment
1
*Status*
*Level *
*% Out *
* Loop *
Transmitter Display
LoopCtrl = Level.
Transmitter default display showing Status, Level, % Output, and
Loop values cycles every 5 seconds
2
Level
xxx.x
Transmitter Display
Transmitter displays Level Value in selected units
3
% Output
xx.x%
Transmitter Display
Transmitter displays % Output measurement derived from 20 mA
span
4
Loop
xx.xx mA
Transmitter Display
Transmitter displays Loop value (mA)
5
PrbModel
(select)
Select the type of probe
used
(Example: 7xR-x)
Select from 7xA-x, 7xB-x, 7xD-x, 7xE-x, 7xF-x, 7xF-E, 7xF-F,
7xF-4, 7xG-x, 7xF-P, 7xG, 7xJ-x, 7xK-x, 7xL, 7xM, 7xN, 7xP-x,
7xR-x, 7xS-x, 7xT-x, 7x1-x, 7x2-x, 7x5-x, 7x7-x as shown on
the probe nameplate
6
PrbMount
(select)
Select the type of probe
mounting
Select from NPT, BSP, or Flange
7
MeasType
(select)
Select type of measurement
Select Lvl Only
8
LvlUnits
(select)
Select level units
Select from cm, inches, feet or meters
9
Probe Ln
xxx.x
Enter the exact length of
probe
Probe length is printed on the nameplate and order information
and is the last three digits of the probe model number
10
Lvl Ofst
xxx.x
Enter the desired reading
when probe is dry
Level Offset is the distance from the probe tip to the desired 0
level point (-90 to 300"). Refer to Section 2.6.6
11
Dielctrc
(select)
Select range bounding the
dielectric constant of the
media
Select from 1.4–1.7; 1.7–3; 3–10; 10–100



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com