Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

705-5100-111 Datasheet(PDF) 21 Page - Magnetrol International, Inc.

Part # 705-5100-111
Description  Eclipse짰 Enhanced Model 705 Guided Wave Radar Level Transmitter
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAGNETROL [Magnetrol International, Inc.]
Direct Link  http://www.magnetrol.com
Logo MAGNETROL - Magnetrol International, Inc.

705-5100-111 Datasheet(HTML) 21 Page - Magnetrol International, Inc.

Back Button 705-5100-111 Datasheet HTML 17Page - Magnetrol International, Inc. 705-5100-111 Datasheet HTML 18Page - Magnetrol International, Inc. 705-5100-111 Datasheet HTML 19Page - Magnetrol International, Inc. 705-5100-111 Datasheet HTML 20Page - Magnetrol International, Inc. 705-5100-111 Datasheet HTML 21Page - Magnetrol International, Inc. 705-5100-111 Datasheet HTML 22Page - Magnetrol International, Inc. 705-5100-111 Datasheet HTML 23Page - Magnetrol International, Inc. 705-5100-111 Datasheet HTML 24Page - Magnetrol International, Inc. 705-5100-111 Datasheet HTML 25Page - Magnetrol International, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 28 page
background image
M O D E L
N U M B E R
H I G H
T E M P / P R E S S U R E
C O A X I A L
P R O B E
( c o n t . )
N
Borosilicate seal – for non steam applications (7xD)
-320° F (-196° C) / +800° F (+427° C)

PROCESS SEAL – O-RING MATERIAL
Œ
For HTHP interface applications, specify “X7xD”: X = 7xD for
interface use with multiple venting holes.

Always check dimensions if ANSI/ EN/DIN flanges are not used.
Ž
As per dimensions on page 10.

7xD-W: max +400° F (+200° C) – 7xD-V: max +650 °F (+345° C)

For 7xD/7xL, consult factory for insertion lengths < 24" (60 cm)
B B
DN 25, PN 16/25/40
EN 1092-1 Type A
B C
DN 25, PN 63/100
EN 1092-1 Type B2
B F
DN 25, PN 160
EN 1092-1 Type B2
C B
DN 40, PN 16/25/40
EN 1092-1 Type A
C C
DN 40, PN 63/100
EN 1092-1 Type B2
C F
DN 40, PN 160
EN 1092-1 Type B2
C G
DN 40, PN 250
EN 1092-1 Type B2
C H
DN 40, PN 320
EN 1092-1 Type B2
C J
DN 40, PN 400
EN 1092-1 Type B2
D A
DN 50, PN 16
EN 1092-1 Type A
D B
DN 50, PN 25/40
EN 1092-1 Type A
D D
DN 50, PN 63
EN 1092-1 Type B2
D E
DN 50, PN 100
EN 1092-1 Type B2
D F
DN 50, PN 160
EN 1092-1 Type B2
D G
DN 50, PN 250
EN 1092-1 Type B2
D H
DN 50, PN 320
EN 1092-1 Type B2
D J
DN 50, PN 400
EN 1092-1 Type B2
E A
DN 80,
PN 16
EN 1092-1 Type A
E B
DN 80,
PN 25/40
EN 1092-1 Type A
E D
DN 80,
PN 63
EN 1092-1 Type B2
E E
DN 80,
PN 100
EN 1092-1 Type B2
E F
DN 80,
PN 160
EN 1092-1 Type B2
E G
DN 80,
PN 250
EN 1092-1 Type B2
E H
DN 80,
PN 320
EN 1092-1 Type B2
E J
DN 80,
PN 400
EN 1092-1 Type B2
F A
DN 100, PN 16
EN 1092-1 Type A
F B
DN 100, PN 25/40
EN 1092-1 Type A
F D
DN 100, PN 63
EN 1092-1 Type B2
F E
DN 100, PN 100
EN 1092-1 Type B2
F F
DN 100,
PN 160
EN 1092-1 Type B2
F G
DN 100,
PN 250
EN 1092-1 Type B2
F H
DN 100,
PN 320
EN 1092-1 Type B2
F J
DN 100,
PN 400
EN 1092-1 Type B2
EN/DIN Flanges
T T
600# Fisher (249B/259B) in carbon steel
Ž
T U
600# Fisher (249C) in stainless steel
Ž
U T
600# Masoneilan flange in carbon steel
Ž
U U
600# Masoneilan flange in stainless steel
Ž
Torque Tube Mating Flanges

21
7
INSERTION LENGTH

24 to 240 inches (60 to 610 cm)
(unit of measure is determined by second digit of Model Number)
Examples: 24 inches = 024; 60 centimeters = 060



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com