Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IC-LED Datasheet(PDF) 2 Page - IC-Haus GmbH

Part # IC-LED
Description  LIGHT FOR MOTION
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICHAUS [IC-Haus GmbH]
Direct Link  http://www.ichaus.biz
Logo ICHAUS - IC-Haus GmbH

IC-LED Datasheet(HTML) 2 Page - IC-Haus GmbH

  IC-LED Datasheet HTML 1Page - IC-Haus GmbH IC-LED Datasheet HTML 2Page - IC-Haus GmbH  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
iC-LED
LIGHT FOR MOTION
Am Kuemmerling 18 • D - 55294 Bodenheim, Germany
Phone: +49 (6135) 9292-300 • Fax: +49 (6135) 9292-192 • http://www.ichaus.com
Rev. 2.0
This preliminary information is not tantamount to a guarantee of device characteristics. All rights to technical changes reserved.
Mechanical Dimensions
27.0 ±1.60
5.06 ±0.05
5.82 ±0.3
0.43
0.35 max.
TO46-2L1
Dimensions in mm
2
1
anode
(common to case)
cathode
1.17 + 0.05
Ø 5.31 +0.075
45°
±3°
2
1
11,4
10,3
8
iC-SG85 SG1C
iC-SD85 SD2C-2
27.0 ±1.60
3.7
0.43
0.35 max.
TO46-2F
Dimensions in mm
2
1
anode
(common to case)
cathode
1.17 + 0.05
Ø 5.31 +0.075
45°
±3°
2
1
iC-TL85 TO46-2F
iC-SN85 SN1C
iC-SD85 SD1C
iC-TL85 TO46-2L1



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com