Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IC-NQL Datasheet(PDF) 2 Page - IC-Haus GmbH

Part # IC-NQL
Description  13-bit Sin/D CONVERTER WITH SSI INTERFACE
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICHAUS [IC-Haus GmbH]
Direct Link  http://www.ichaus.biz
Logo ICHAUS - IC-Haus GmbH

IC-NQL Datasheet(HTML) 2 Page - IC-Haus GmbH

  IC-NQL Datasheet HTML 1Page - IC-Haus GmbH IC-NQL Datasheet HTML 2Page - IC-Haus GmbH IC-NQL Datasheet HTML 3Page - IC-Haus GmbH IC-NQL Datasheet HTML 4Page - IC-Haus GmbH IC-NQL Datasheet HTML 5Page - IC-Haus GmbH IC-NQL Datasheet HTML 6Page - IC-Haus GmbH IC-NQL Datasheet HTML 7Page - IC-Haus GmbH IC-NQL Datasheet HTML 8Page - IC-Haus GmbH IC-NQL Datasheet HTML 9Page - IC-Haus GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 24 page
background image
iC-NQL
13-bit Sin/D CONVERTER WITH SSI INTERFACE
Rev D2, Page 2/24
DESCRIPTION
iC-NQL is a monolithic A/D converter which, by ap-
plying a count-safe vector follower principle, converts
sine/cosine sensor signals with a selectable resolu-
tion and hysteresis into angle position data.
This
absolute value is output via a synchronous-serial
SSI interface and trails a master clock rate of up to
4 Mbit/s.
At the same time any changes in output data are
converted into incremental A QUAD B encoder sig-
nals. Here, the minimum transition distance can be
adapted to suit the system on hand (cable length, ex-
ternal counter). A synchronised zero index is gener-
ated and output to Z if enabled by the PZERO and
NZERO inputs.
The front-end amplifiers are configured as instrumen-
tation amplifiers, permitting sensor bridges to be di-
rectly connected without the need for external resis-
tors. Various programmable D/A converters are avail-
able for the conditioning of sine/cosine sensor sig-
nals with regard to offset, amplitude ratio and phase
errors. Front-end gain can be set in stages graded
to suit all common differential sensor signals from
approximately 20 mVpp to 1.5 Vpp, and also single-
ended sensor signals from 40 mVpp to 3 Vpp respec-
tively.
The device reads its configuration data via the serial
EEPROM interface when cycling power, respectively
following an undervoltage reset. The read in cycle
is repeated up to three times when data correctness
is not confirmed by a CRC validation. A permanent
CRC error as well as the configuration phase itself
is displayed at the error message output NERR by a
low level signal.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com