Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MXH Datasheet(PDF) 2 Page - RUBYCON CORPORATION

Part # MXH
Description  LARGE CAN TYPE ALUMINUM ELECTROLYTIC CAPACITORS
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RUBYCON [RUBYCON CORPORATION]
Direct Link  http://www.rubycon.com
Logo RUBYCON - RUBYCON CORPORATION

MXH Datasheet(HTML) 2 Page - RUBYCON CORPORATION

  MXH Datasheet HTML 1Page - RUBYCON CORPORATION MXH Datasheet HTML 2Page - RUBYCON CORPORATION  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
WV
Cap
(μF)
120
150
180
220
270
330
390
470
560
680
820
◆STANDARD SIZE
φD
φ22
φ25
φ30
φ35
400
WV
Cap
(μF)
100
120
150
180
220
270
330
390
470
560
680
φD
φ22
φ25
φ30
φ35
420
Case Size φD×L(mm)
Ripple Current (A r.m.s./120Hz, 105℃)
WV
Cap
(μF)
100
120
150
180
220
270
330
390
470
560
680
φD
φ22
φ25
φ30
φ35
450
22×25
22×30
22×35
22×40
25×25
25×30
25×30
25×35
25×40
25×50
30×25
30×30
30×30
30×35
30×40
30×45
35×25
35×30
35×35
35×40
35×45
35×50
0.69
0.72
0.79
0.87
22×45
1.05
22×50
1.23
0.79
0.72
0.87
1.05
1.23
1.38
0.87
1.05
1.23
1.38
1.61
1.78
1.23
1.38
1.61
1.78
1.99
2.10
35×25
35×30
35×30
35×35
35×40
22×25
22×30
22×30
22×35
22×40
22×50
0.88
0.75
0.95
1.10
1.22
1.44
25×25
25×30
25×35
25×40
25×45
25×50
0.95
1.10
1.22
1.44
1.55
1.68
1.44
1.55
1.68
1.90
2.12
35×45
2.30
30×25
30×30
30×35
30×40
30×45
30×50
1.22
1.44
1.55
1.68
1.90
2.12
LARGE CAN TYPE ALUMINUM ELECTROLYTIC CAPACITORS
MXH
22×25
0.66
22×30
0.81
22×30
0.84
25×25
0.84
22×35
0.91
25×30
0.91
22×40
1.05
25×30
1.05
30×25
1.05
22×50
1.25
25×35
1.25
30×30
1.25
35×25
1.25
25×45
1.42
30×35
1.42
35×30
1.42
25×50
1.61
30×40
1.61
35×30
1.61
30×45
1.86
35×35
1.86
30×50
2.10
35×40
2.10
35×45
2.20



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com