Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SXG Datasheet(PDF) 1 Page - RUBYCON CORPORATION

Part # SXG
Description  LARGE CAN TYPE ALUMINUM ELECTROLYTIC CAPACITORS
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RUBYCON [RUBYCON CORPORATION]
Direct Link  http://www.rubycon.com
Logo RUBYCON - RUBYCON CORPORATION

SXG Datasheet(HTML) 1 Page - RUBYCON CORPORATION

  SXG Datasheet HTML 1Page - RUBYCON CORPORATION SXG Datasheet HTML 2Page - RUBYCON CORPORATION  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
(20℃,
120Hz)
Rated Voltage
tanδ
0.15
200,400
0.20
450
LARGE CAN TYPE ALUMINUM ELECTROLYTIC CAPACITORS
SXG
SERIES
SXG
◆SPECIFICATIONS
Category Temperature Range
Rated Voltage Range
Capacitance Tolerance
Leakage Current(MAX)
(tanδ)
Dissipation Factor(MAX)
Endurance
Low Temperature Stability
Impedance Ration(MAX)
Items
Characteristics
−25∼+105℃
200, 400, 450V.DC
±20%
(20℃,
120Hz)
Rated Voltage
Z
(−25℃)
/Z
(20℃)
200
3
400,450
8
Leakage Current
Dissipation Factor
Capacitance Change
Within ±20% of the initial value.
Not more than 200% of the specified value.
Not more than the specified value.
105℃ Miniaturized,Overvoltage Vent Operation Facility,
Snap-in Terminal Type
◆FEATURES
・This series has specification of vent operation in overvoltage situation.
Please consult us for any further details
・Smaller size than SXC series.
・RoHS compliance.
(120Hz)
After applying rated voltage with rated ripple current for 2000 hours at 105℃,
the capacitors shall meet the following requirements.
I=3 CV
(After 5 minutes application of rated voltage)
◆PART NUMBER
□□□
Rated Voltage
SXG
Series
SN
Terminal Code
□□□
Option
D×L
Case Size
□□□□□
Rated Capacitance
M
Capacitance Tolerance
◆DIMENSIONS
(mm)
MOUNTING HOLES
10±0.1
φD±1
2-φ2
10
φD±1
NEGATIVE
※
4±0.5
※ For φ35,3.5±0.5
L±2
SLEEVE(PET)
VENT
●SN[4(3.5)mm]terminal type
Terminal code : SN(Tin plating)
(Hz)
Frequency
Coefficient
60(50)
120
500
1k
10k≦
0.77
1.00
1.17
1.22
1.40
◆MULTIPLIER FOR RIPPLE CURRENT
 Frequency Coefficient
◆OPTION
EFC
Code
PET Sleeve without plate
I=(μA)
Leakage Current
V=(V)
Rated Voltage
C=(μF)
Rated Capacitance


Similar Part No. - SXG

ManufacturerPart #DatasheetDescription
logo
AEL Crystals Ltd
SXG AEL-SXG Datasheet
139Kb / 1P
Ceramic Encapsulated SMD Crystals
logo
Pericom Semiconductor C...
SXGPON155 PERICOM-SXGPON155 Datasheet
532Kb / 2P
3.3V CMOS Low-Jitter 155.52 MHz GPON XO
logo
RUBYCON CORPORATION
SXG RUBYCON-SXG_15 Datasheet
148Kb / 2P
SNAP-IN ALUMINUM ELECTROLYTIC CAPACITORS
More results

Similar Description - SXG

ManufacturerPart #DatasheetDescription
logo
RUBYCON CORPORATION
LSQ RUBYCON-LSQ Datasheet
64Kb / 2P
LARGE CAN TYPE ALUMINUM ELECTROLYTIC CAPACITORS
MXC RUBYCON-MXC Datasheet
79Kb / 4P
LARGE CAN TYPE ALUMINUM ELECTROLYTIC CAPACITORS
SXC RUBYCON-SXC Datasheet
55Kb / 2P
LARGE CAN TYPE ALUMINUM ELECTROLYTIC CAPACITORS
USR RUBYCON-USR Datasheet
1Mb / 4P
LARGE CAN TYPE ALUMINUM ELECTROLYTIC CAPACITORS
VXR RUBYCON-VXR Datasheet
56Kb / 2P
LARGE CAN TYPE ALUMINUM ELECTROLYTIC CAPACITORS
KXF RUBYCON-KXF Datasheet
257Kb / 2P
LARGE CAN TYPE ALUMINUM ELECTROLYTIC CAPACITORS
LSU RUBYCON-LSU Datasheet
175Kb / 2P
LARGE CAN TYPE ALUMINUM ELECTROLYTIC CAPACITORS
MXH RUBYCON-MXH Datasheet
210Kb / 2P
LARGE CAN TYPE ALUMINUM ELECTROLYTIC CAPACITORS
USH RUBYCON-USH Datasheet
205Kb / 2P
LARGE CAN TYPE ALUMINUM ELECTROLYTIC CAPACITORS
AXF_SERIES RUBYCON-AXF_SERIES Datasheet
91Kb / 2P
LARGE CAN TYPE ALUMINUM ELECTROLYTIC CAPACITORS
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com