Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

USH Datasheet(PDF) 2 Page - RUBYCON CORPORATION

Part # USH
Description  LARGE CAN TYPE ALUMINUM ELECTROLYTIC CAPACITORS
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RUBYCON [RUBYCON CORPORATION]
Direct Link  http://www.rubycon.com
Logo RUBYCON - RUBYCON CORPORATION

USH Datasheet(HTML) 2 Page - RUBYCON CORPORATION

  USH Datasheet HTML 1Page - RUBYCON CORPORATION USH Datasheet HTML 2Page - RUBYCON CORPORATION  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
LARGE CAN TYPE ALUMINUM ELECTROLYTIC CAPACITORS
USH
WV
Cap
(μF)
150
180
220
270
330
390
470
560
680
820
1000
22×25
22×30
22×35
22×40
22×45
22×50
30×25
30×30
30×30
30×35
30×40
30×50
25×25
25×30
25×35
25×40
25×45
1.21
1.45
1.58
1.67
1.90
2.13
1.58
1.67
1.90
2.13
2.39
1.67
1.90
2.13
2.39
2.69
2.96
35×25
35×30
35×35
35×35
35×45
35×50
2.13
2.39
2.69
2.96
3.25
3.60
◆STANDARD SIZE
φD
φ22
φ25
φ30
φ35
400
WV
Cap
(μF)
150
180
220
270
330
390
470
560
680
820
22×25
22×30
22×35
22×45
22×50
30×25
30×30
30×30
30×35
30×45
30×50
25×25
25×30
25×35
25×40
25×45
25×50
1.30
1.48
1.65
1.94
2.17
1.48
1.65
1.94
2.17
2.27
2.61
1.94
2.17
2.27
2.61
2.82
3.11
35×25
35×30
35×30
35×35
35×40
35×45
2.17
2.27
2.61
2.82
3.11
3.40
φD
φ22
φ25
φ30
φ35
420
WV
Cap
(μF)
120
150
180
220
270
330
390
470
560
680
820
22×25
22×30
22×35
22×40
22×45
30×25
30×30
30×35
30×40
30×50
25×25
25×30
25×35
25×40
25×50
1.04
1.29
1.40
1.66
1.81
1.40
1.66
1.81
2.10
2.32
1.81
2.10
2.32
2.66
2.82
35×25
35×30
35×35
35×35
35×45
35×50
2.10
2.32
2.66
2.82
3.00
3.30
φD
φ22
φ25
φ30
φ35
450
Case Size φD×L(mm)
Ripple Current (A r.m.s./120Hz, 85℃)



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com