Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VXH Datasheet(PDF) 2 Page - RUBYCON CORPORATION

Part # VXH
Description  LARGE CAN TYPE ALUMINUM ELECTROLYTIC CAPACITORS
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RUBYCON [RUBYCON CORPORATION]
Direct Link  http://www.rubycon.com
Logo RUBYCON - RUBYCON CORPORATION

VXH Datasheet(HTML) 2 Page - RUBYCON CORPORATION

  VXH Datasheet HTML 1Page - RUBYCON CORPORATION VXH Datasheet HTML 2Page - RUBYCON CORPORATION  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
WV
φD
Cap(
μF)
200
220
φ22
φ25
φ30
φ35
φ22
φ25
φ30
φ35
WV
φD
Cap(
μF)
250
315
φ22
φ25
φ30
φ35
φ22
φ25
φ30
φ35
WV
φD
Cap(
μF)
350
400
φ22
φ25
φ30
φ35
φ22
φ25
φ30
φ35
◆STANDARD SIZE
Case Size φD×L(mm)
Ripple Current (A r.m.s./120Hz, 105℃)
LARGE CAN TYPE ALUMINUM ELECTROLYTIC CAPACITORS
VXH
270
22×25 1.04
330
22×25 1.31
22×30 1.26
390
22×30 1.32
22×30 1.47 25×25 1.21
470
22×30 1.54 25×25 1.54
22×35 1.64 25×30 1.47
560
22×35 1.75 25×30 1.75
22×40 1.86 25×30 1.71 30×25 1.41
680
22×40 1.96 25×35 1.79 30×25 1.46
22×45 2.05 25×35 1.94 30×30 1.71
820
22×50 2.15 25×40 2.03 30×30 1.77 35×25 1.59
25×40 2.16 30×30 1.99 35×25 1.89
1000
25×45 2.26 30×35 2.06 35×30 1.93
25×45 2.37 30×35 2.26 35×30 2.15
1200
25×50 2.34 30×40 2.34 35×30 2.22
30×40 2.51 35×35 2.48
1500
30×45 2.60 35×35 2.56
30×50 2.75 35×40 2.50
1800
30×50 2.85 35×40 2.85
35×45 3.04
2200
35×50 3.14
22×25 0.82
22×30 0.95
25×25 0.98
22×35 1.11
25×30 1.17
22×40 1.28
25×35 1.35
22×25 1.18
22×45
22×50
1.45
1.62 25×40 1.53
30×25
22×30 1.37 25×25 1.14
25×45 1.73
30×30 1.40
1.19
35×25 1.30
1.52
22×35 1.56 25×30 1.38
25×50 1.99
30×35 1.61 35×30
22×40 1.74 25×30 1.61
30×40 2.00 35×30 1.69
22×45 1.92 25×35 1.83 30×25 1.63
30×45 2.06
30×50 2.30
35×35 1.88
22×50 2.04 25×40 2.04 30×30 1.90 35×25 1.80
35×40 2.14
25×45 2.24 30×35 2.15 35×30 1.81
35×50 2.53
30×40 2.39 35×35 2.38
30×45 2.62 35×40 2.39
35×45 2.92
35×50 3.04
22×25 0.74
22×25 0.79
22×30 0.89
22×30 0.92 25×25 0.95
22×35 1.03 25×25 0.91
22×35 1.05 25×30 1.10
22×40 1.17 25×30 1.07
22×40 1.28 25×30 1.12 30×25 1.17
22×45 1.33 25×35 1.25 30×25 1.11
22×45 1.40 25×35 1.40 30×30 1.36
35×25 1.35
25×40 1.43 30×30 1.31 35×25 1.23
25×40 1.55 30×30 1.55
35×30 1.53
25×45 1.61
25×50 1.85
30×35 1.51 35×30 1.44
25×50 1.72 30×35 1.72
35×35 1.78
30×40 1.88 35×35 1.67
30×40 1.89
35×40 1.98
30×45 1.92 35×40 1.88
30×45 1.98
35×45 2.19
30×50 2.15 35×40 2.01
35×50 2.42
35×45 2.26
WV
φD
Cap(
μF)
420
450
φ22
φ22
φ30
φ35
φ22
φ25
φ30
φ35
100
120
150
180
220
270
330
390
470
560
680
120
150
180
220
270
330
390
470
560
680
820
150
180
220
270
330
390
470
560
680
820
1000
1200
1500
1800
22×25
22×30
22×35
22×40
22×45
22×50
0.74
0.86
0.98
1.09
1.21
1.34
25×25
25×30
25×35
25×40
25×45
0.90
1.05
1.19
1.34
1.47
30×25
30×30
30×35
30×40
30×45
30×50
1.12
1.30
1.47
1.64
1.81
2.07
35×25
35×30
35×35
35×35
35×40
35×50
1.27
1.45
1.68
1.71
2.07
2.43
22×25
22×30
22×35
22×40
22×45
0.73
0.84
0.97
1.08
1.17
25×25
25×30
25×30
25×35
25×45
25×50
0.87
0.89
1.03
1.17
1.43
1.45
30×25
30×30
30×30
30×40
30×45
30×50
1.08
1.10
1.28
1.45
1.75
1.85
35×25
35×30
35×30
35×35
35×40
35×45
1.04
1.25
1.43
1.66
1.85
2.04



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com