Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AMLDL-Z Datasheet(PDF) 13 Page - AIMTEC

Part # AMLDL-Z
Description  Up to 1000mA | LED Driver
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AIMTEC [AIMTEC]
Direct Link  https://aimtec.com
Logo AIMTEC - AIMTEC

AMLDL-Z Datasheet(HTML) 13 Page - AIMTEC

Back Button AMLDL-Z Datasheet HTML 6Page - AIMTEC AMLDL-Z Datasheet HTML 7Page - AIMTEC AMLDL-Z Datasheet HTML 8Page - AIMTEC AMLDL-Z Datasheet HTML 9Page - AIMTEC AMLDL-Z Datasheet HTML 10Page - AIMTEC AMLDL-Z Datasheet HTML 11Page - AIMTEC AMLDL-Z Datasheet HTML 12Page - AIMTEC AMLDL-Z Datasheet HTML 13Page - AIMTEC AMLDL-Z Datasheet HTML 14Page - AIMTEC  
Zoom Inzoom in Zoom Outzoom out
 13 / 14 page
background image
Series AMLDL-Z
Up to 1000mA | LED Driver
www.aimtec.com
Tel: +1 514 620 2722
Toll free: + 1 888 9 AIMTEC
(924 6832)
F 051e R9.G
13 of 14
North America only
Typical Characteristics: AMLDL-3070Z
25
50
75
100
125
150
175
200
225
250
275
300
325
350
7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30
Vin (V)
Frequency (KHz)
Operating Frequency vs Input
(Forward Voltage = 3.5V per LED))
1 LED
2 LED
3 LED
4 LED
5 LED
6 LED
7 LED
Output Current Vs VADJ
0
100
200
300
400
500
600
700
0.05 0.15 0.25 0.35 0.45 0.55 0.65 0.75 0.85 0.95 1.05 1.15 1.25
VADJ (V)
ILED (mA)
70%
75%
80%
85%
90%
95%
100%
7 8 9 10 11 12 13 1415161718 1920212223 2425262728 2930
Vin (V)
Efficiency (%)
Efficiency vs Vin
(Forward Voltage = 3.5V per LED)
1 LED
2 LED
3 LED
4 LED
5 LED
6 LED
7 LED



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com