Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

D4SC6M Datasheet(PDF) 1 Page - Shindengen Electric Mfg.Co.Ltd

Part # D4SC6M
Description  Schottky Rectifiers (SBD) (60V 4A)
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SHINDENGEN [Shindengen Electric Mfg.Co.Ltd]
Direct Link  http://www.shindengen.co.jp/
Logo SHINDENGEN - Shindengen Electric Mfg.Co.Ltd

D4SC6M Datasheet(HTML) 1 Page - Shindengen Electric Mfg.Co.Ltd

  D4SC6M Datasheet HTML 1Page - Shindengen Electric Mfg.Co.Ltd D4SC6M Datasheet HTML 2Page - Shindengen Electric Mfg.Co.Ltd D4SC6M Datasheet HTML 3Page - Shindengen Electric Mfg.Co.Ltd D4SC6M Datasheet HTML 4Page - Shindengen Electric Mfg.Co.Ltd D4SC6M Datasheet HTML 5Page - Shindengen Electric Mfg.Co.Ltd D4SC6M Datasheet HTML 6Page - Shindengen Electric Mfg.Co.Ltd D4SC6M Datasheet HTML 7Page - Shindengen Electric Mfg.Co.Ltd D4SC6M Datasheet HTML 8Page - Shindengen Electric Mfg.Co.Ltd D4SC6M Datasheet HTML 9Page - Shindengen Electric Mfg.Co.Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
D4SC6M
60V 4A
Copyright & Copy;2000 Shindengen Electric Mfg.Co.Ltd
OUTLINE DIMENSIONS
Unit : mm
RATINGS
SHINDENGEN
Case : ITO-220
● Switching power supply
● DC/DC converter
● Home Appliances, Office Equipment
● Telecommunication
APPLICATION
● Tj150℃
● PRRSM avalanche guaranteed
● Fully Isolated Molding
FEATURES
Schottky Rectifiers (SBD)
Dual
●Absolute Maximum Ratings (If not specified Tc=25℃)
Item
Symbol
Conditions
Ratings
Unit
Storage Temperature
Tstg
-40∼150
℃
Operating Junction Temperature
Tj
150
℃
Maximum Reverse Voltage
VRM
60
V
Repetitive Peak Surge Reverse Voltage
VRRSM
Pulse width 0.5ms, duty 1/40
65
V
Average Rectified Forward Current
IO
50Hz sine wave, R-load, Rating for each diode, Io/2, Tc=138℃
4
A
Peak Surge Forward Current
IFSM
50Hz sine wave, Non-repetitive 1 cycle peak value, Tj=125℃
60
A
Repetitive Peak Surge Reverse Power
PRRSM
Pulse width 10μs, Rating of per diode, Tj= 25℃
330
W
Dielectric Strength
Vdis
Terminals to case, AC 1 minute
1.5
kV
Mounting Torque
TOR
(Recommended torque:0.3N・m)
0.5
N・m
●Electrical Characteristics (If not specified Tc=25℃)
Item
Symbol
Conditions
Ratings
Unit
Forward Voltage
VF
IF=2A,
Pulse measurement, Rating of per diode
Max.0.58
V
Reverse Current
IR
VR=VRM,
Pulse measurement, Rating of per diode
Max.2
mA
Junction Capacitance
Cj
f=1MHz,
VR=10V,
Rating of per diode
Typ.120
pF
Thermal Resistance
θjc
junction to case
Max.3.3
℃/W
θcf
case to heatsink, Mounting torque=5kg・cm
Max.1.5


Similar Part No. - D4SC6M

ManufacturerPart #DatasheetDescription
logo
Inchange Semiconductor ...
D4SC6M ISC-D4SC6M Datasheet
301Kb / 2P
Schotty Barrier Diode
More results

Similar Description - D4SC6M

ManufacturerPart #DatasheetDescription
logo
Shindengen Electric Mfg...
D240SC6M SHINDENGEN-D240SC6M Datasheet
16Kb / 1P
Schottky Rectifiers (SBD) (60V 240A)
D25SC6MR SHINDENGEN-D25SC6MR Datasheet
543Kb / 10P
Schottky Rectifiers (SBD) (60V 25A)
D2FS6 SHINDENGEN-D2FS6 Datasheet
589Kb / 11P
Schottky Rectifiers (SBD) (60V 1.5A)
D4SBS4 SHINDENGEN-D4SBS4 Datasheet
608Kb / 11P
Schottky Rectifiers (SBD)(40V 4A)
D4SBS6 SHINDENGEN-D4SBS6 Datasheet
620Kb / 11P
Schottky Rectifiers (SBD)(60V 4A)
D5S6M SHINDENGEN-D5S6M Datasheet
696Kb / 11P
Schottky Rectifiers (SBD) (60V 5A)
DE5S6M SHINDENGEN-DE5S6M Datasheet
744Kb / 12P
Schottky Rectifiers (SBD) (60V 5A)
DF25SC6M SHINDENGEN-DF25SC6M Datasheet
533Kb / 10P
Schottky Rectifiers (SBD) (60V 25A)
S25SC6M SHINDENGEN-S25SC6M Datasheet
539Kb / 10P
Schottky Rectifiers (SBD) (60V 25A)
S60SC6M SHINDENGEN-S60SC6M Datasheet
556Kb / 10P
Schottky Rectifiers (SBD)(60V 60A)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com