Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2N5038 Datasheet(PDF) 2 Page - Inchange Semiconductor Company Limited

Part # 2N5038
Description  Silicon NPN Power Transistors
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISC [Inchange Semiconductor Company Limited]
Direct Link  http://www.iscsemi.cn
Logo ISC - Inchange Semiconductor Company Limited

2N5038 Datasheet(HTML) 2 Page - Inchange Semiconductor Company Limited

  2N5038 Datasheet HTML 1Page - Inchange Semiconductor Company Limited 2N5038 Datasheet HTML 2Page - Inchange Semiconductor Company Limited 2N5038 Datasheet HTML 3Page - Inchange Semiconductor Company Limited  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Inchange Semiconductor
Product Specification
2
Silicon NPN Power Transistors
2N5038 2N5039
CHARACTERISTICS
Tj=25℃ unless otherwise specified
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNIT
2N5038
90
VCEO(SUS)
Collector-emitter
sustaining voltage
2N5039
IC=0.2A ;IB=0
75
V
2N5038
IC=12A ;IB=1.2A
VCEsat-1
Collector-emitter
saturation voltage
2N5039
IC=10A ;IB=1A
1.0
V
VCEsat-2
Collector-emitter saturation voltage
IC=20A ;IB=5A
2.5
V
VBEsat
Base-emitter saturation voltage
IC=20A ;IB=5A
3.3
V
2N5038
IC=12A ; VCE=5V
VBE
Base-emitter on voltage
2N5039
IC=10A ; VCE=5V
1.8
V
2N5038
VCE=70V; IB=0
ICEO
Collector cut-off current
2N5039
VCE=55V; IB=0
20
mA
2N5038
VCE=140V; VBE=-1.5V
VCE=100V; VBE=-1.5V ;TC=150℃
5.0
10
ICEX
Collector cut-off current
2N5039
VCE=110V; VBE=-1.5V
VCE=85V; VBE=-1.5V TC=150℃
5.0
10
mA
2N5038
5
IEBO
Emitter cut-off current
2N5039
VEB=5V; IC=0
15
mA
hFE-1
DC current gain
IC=2A ; VCE=5V
50
250
2N5038
IC=12A ; VCE=5V
hFE-2
DC current gain
2N5039
IC=10A ; VCE=5V
20
100
Is/b
Second breakdown collector current
VCE=28V,
VCE=45V(t=1.0s Nonrepetitive)
5
0.9
A
Switching times
tr
Rise time
0.5
μs
ts
Storage time
1.5
μs
tf
Fall time
For 2N5038
IC=12A ;IB1=- IB2=1.2A ;VCC=30V
For 2N5039
IC=10A ;IB1=- IB2=1A ;Vcc=30V
0.5
μs



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com