Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2N5296 Datasheet(PDF) 2 Page - Inchange Semiconductor Company Limited

Part # 2N5296
Description  Silicon NPN Power Transistors
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISC [Inchange Semiconductor Company Limited]
Direct Link  http://www.iscsemi.cn
Logo ISC - Inchange Semiconductor Company Limited

2N5296 Datasheet(HTML) 2 Page - Inchange Semiconductor Company Limited

  2N5296 Datasheet HTML 1Page - Inchange Semiconductor Company Limited 2N5296 Datasheet HTML 2Page - Inchange Semiconductor Company Limited 2N5296 Datasheet HTML 3Page - Inchange Semiconductor Company Limited  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Inchange Semiconductor
Product Specification
2
Silicon NPN Power Transistors
2N5294 2N5296 2N5298
CHARACTERISTICS
Tj=25℃ unless otherwise specified
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP.
MAX
UNIT
2N5294
70
2N5296
40
VCEO(SUS)
Collector-emitter
sustaining voltage
2N5298
IC=0.1A ;IB=0
60
V
2N5294
IC=0.5A;IB=0.05A
2N5296
IC=1.0A;IB=0.1A
VCEsat
Collector-emitter
saturation voltage
2N5298
IC=1.5A;IB=0.15A
1.0
V
2N5294
IC=0.5A ; VCE=4V
1.1
2N5296
IC=1.0A ; VCE=4V
1.3
VBE
Base-emitter on voltage
2N5298
IC=1.5A ; VCE=4V
1.5
V
2N5294/5298
VCE=65V;VBE=1.5V
TC=150℃
0.5
3.0
ICEV
Collector cut-off current
2N5296
VCE=35V;VBE=1.5V
TC=150℃
2.0
5.0
mA
ICER
Collector cut-off current
2N5294/5298
VCE=50V;RBE=100Ω
TC=150℃
0.5
2.0
mA
2N5294
VEB=7V; IC=0
IEBO
Emitter cut-off current
2N5296/5298
VEB=5V; IC=0
1.0
mA
2N5294
IC=0.5A ; VCE=4V
2N5296
IC=1.0A ; VCE=4V
30
120
hFE
DC current gain
2N5298
IC=1.5A ; VCE=4V
20
80
fT
Transition frequency
IC=0.2A ; VCE=4V
0.8
MHz
2N5294
IC=0.5A;IB=0.05A;VCC=30V
2N5296
IC=1.0A;IB=0.1A;VCC=30V
ton
Turn-on time
2N5298
IC=1.5A;IB=0.15A;VCC=30V
5.0
μs
2N5294
IC=0.5A;IB=0.05A;VCC=30V
2N5296
IC=1.0A;IB=0.1A;VCC=30V
toff
Turn-off time
2N5298
IC=1.5A;IB=0.15A;VCC=30V
15
μs



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com