Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2N5613 Datasheet(PDF) 1 Page - Inchange Semiconductor Company Limited

Part # 2N5613
Description  Silicon PNP Power Transistors
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISC [Inchange Semiconductor Company Limited]
Direct Link  http://www.iscsemi.cn
Logo ISC - Inchange Semiconductor Company Limited

2N5613 Datasheet(HTML) 1 Page - Inchange Semiconductor Company Limited

  2N5613 Datasheet HTML 1Page - Inchange Semiconductor Company Limited 2N5613 Datasheet HTML 2Page - Inchange Semiconductor Company Limited 2N5613 Datasheet HTML 3Page - Inchange Semiconductor Company Limited  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Inchange Semiconductor
Product Specification
Silicon PNP Power Transistors
2N5613 2N5615 2N5617 2N5619
DESCRIPTION
・With TO-3 package
・Excellent safe operating area
・Low collector saturation voltage
APPLICATIONS
・For general-purpose amplifier ;
and switching applications
PINNING(see Fig.2)
PIN
DESCRIPTION
1
Base
2
Emitter
3
Collector
Absolute maximum ratings(Ta=℃)
SYMBOL
PARAMETER
CONDITIONS
VALUE
UNIT
2N5613
-80
2N5615/5617
-100
VCBO
Collector-base voltage
2N5619
Open emitter
-120
V
2N5613
-60
2N5615/5617
-80
VCEO
Collector-emitter voltage
2N5619
Open base
-100
V
VEBO
Emitter-base voltage
Open collector
-5
V
IC
Collector current
-5
A
PD
Total power dissipation
TC=25℃
50
W
Tj
Junction temperature
150
℃
Tstg
Storage temperature
-65~150
℃
THERMAL CHARACTERISTICS
SYMBOL
PARAMETER
VALUE
UNIT
Rth j-c
Thermal resistance junction to case
1.5
℃/W
Fig.1 simplified outline (TO-3) and symbol


Similar Part No. - 2N5613

ManufacturerPart #DatasheetDescription
logo
Seme LAB
2N5613 SEME-LAB-2N5613 Datasheet
11Kb / 1P
Bipolar PNP Device
logo
Savantic, Inc.
2N5613 SAVANTIC-2N5613 Datasheet
111Kb / 3P
Silicon PNP Power Transistors
logo
New Jersey Semi-Conduct...
2N5613 NJSEMI-2N5613 Datasheet
233Kb / 2P
POWER TRANSISTOR
logo
Savantic, Inc.
2N5613 SAVANTIC-2N5613 Datasheet
112Kb / 3P
Silicon PNP Power Transistors
More results

Similar Description - 2N5613

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
BD244 BOURNS-BD244 Datasheet
106Kb / 5P
PNP SILICON POWER TRANSISTORS
BD544 BOURNS-BD544 Datasheet
103Kb / 5P
PNP SILICON POWER TRANSISTORS
logo
List of Unclassifed Man...
2SA1659 ETC-2SA1659 Datasheet
48Kb / 3P
Silicon PNP Power Transistors
logo
Inchange Semiconductor ...
2SA1129 ISC-2SA1129 Datasheet
95Kb / 3P
Silicon PNP Power Transistors
2SA1067 ISC-2SA1067 Datasheet
152Kb / 3P
Silicon PNP Power Transistors
2SA1094 ISC-2SA1094 Datasheet
181Kb / 3P
Silicon PNP Power Transistors
2SA636 ISC-2SA636 Datasheet
149Kb / 3P
Silicon PNP Power Transistors
2SA1859 ISC-2SA1859 Datasheet
146Kb / 4P
Silicon PNP Power Transistors
2SA648 ISC-2SA648 Datasheet
152Kb / 3P
Silicon PNP Power Transistors
2SA971 ISC-2SA971 Datasheet
155Kb / 3P
Silicon PNP Power Transistors
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com