Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2N5660 Datasheet(PDF) 2 Page - Inchange Semiconductor Company Limited

Part # 2N5660
Description  Silicon NPN Power Transistors
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISC [Inchange Semiconductor Company Limited]
Direct Link  http://www.iscsemi.cn
Logo ISC - Inchange Semiconductor Company Limited

2N5660 Datasheet(HTML) 2 Page - Inchange Semiconductor Company Limited

  2N5660 Datasheet HTML 1Page - Inchange Semiconductor Company Limited 2N5660 Datasheet HTML 2Page - Inchange Semiconductor Company Limited 2N5660 Datasheet HTML 3Page - Inchange Semiconductor Company Limited  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Inchange Semiconductor
Product Specification
2
Silicon NPN Power Transistors
2N5660 2N5661
CHARACTERISTICS
Tj=25℃ unless otherwise specified
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP.
MAX
UNIT
2N5660
200
V(BR)CEO
Collector-emitter
breakdown voltage
2N5661
IC=10mA ; IB=0
300
V
V(BR)EBO
Emitter-base breakdown voltage
IE=10μA ; IC=0
6
V
VCEsat-1
Collector-emitter saturation voltage
IC=1A; IB=0.1A
0.4
V
VCEsat-2
Collector-emitter saturation voltage
IC=2A; IB=0.4A
0.8
V
VBEsat-1
Base-emitter saturation voltage
IC=1A ;IB=0.1A
1.2
V
VBEsat-2
Base-emitter saturation voltage
IC=2A; IB=0.4A
1.5
V
2N5660
VCE=200V;VBE(off)=1.5V
ICES
Collector cut-off current
2N5661
VCE=300V;VBE(off)=1.5V
0.2
mA
2N5660
VCB=250V; IE=0
ICBO
Collector cut-off current
2N5661
VCB=400V; IE=0
1.0
mA
2N5660
40
hFE-1
DC current gain
2N5661
IC=50mA ; VCE=2V
25
2N5660
40
120
hFE-2
DC current gain
2N5661
IC=0.5A ; VCE=5V
25
75
hFE-3
DC current gain
IC=1A ; VCE=5V
15
hFE-4
DC current gain
IC=2A ; VCE=5V
5
COB
Output capacitance
IE=0 ; VCB=10V;f=1MHz
45
pF
2N5660
VCC=100V;IC=0.5A;IB1=-IB2=15mA
ton
Turn-on time
2N5661
VCC=100V;IC=0.5A;IB1=-IB2=25mA
0.25
μs
2N5660
VCC=100V;IC=0.5A;IB1=-IB2=15mA
0.85
toff
Turn-off time
2N5661
VCC=100V;IC=0.5A;IB1=-IB2=25mA
1.2
μs



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com