Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

12CTQ035PBF Datasheet(PDF) 5 Page - Vishay Siliconix

Part # 12CTQ035PBF
Description  Schottky Rectifier, 2 x 6 A
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

12CTQ035PBF Datasheet(HTML) 5 Page - Vishay Siliconix

  12CTQ035PBF Datasheet HTML 1Page - Vishay Siliconix 12CTQ035PBF Datasheet HTML 2Page - Vishay Siliconix 12CTQ035PBF Datasheet HTML 3Page - Vishay Siliconix 12CTQ035PBF Datasheet HTML 4Page - Vishay Siliconix 12CTQ035PBF Datasheet HTML 5Page - Vishay Siliconix 12CTQ035PBF Datasheet HTML 6Page - Vishay Siliconix 12CTQ035PBF Datasheet HTML 7Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
Document Number: 94130
For technical questions, contact: diodes-tech@vishay.com
www.vishay.com
Revision: 13-Aug-08
5
12CTQ...PbF Series
Schottky Rectifier, 2 x 6 A
Vishay High Power Products
ORDERING INFORMATION TABLE
1
-
Current rating (12 = 12 A)
2
-
Package:
-
Circuit configuration:
C = Common cathode
T = TO-220
3
-
Schottky “Q” series
4
-
Voltage ratings
5
6
-
None = Standard production
PbF = Lead (Pb)-free
Tube standard pack quantity: 50 pieces
035 = 35 V
040 = 40 V
045 = 45 V
Device code
5
13
24
6
12
C
T
Q
045 PbF
LINKS TO RELATED DOCUMENTS
Dimensions
http://www.vishay.com/doc?95222
Part marking information
http://www.vishay.com/doc?95225



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com