Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2N5875 Datasheet(PDF) 2 Page - Inchange Semiconductor Company Limited

Part # 2N5875
Description  Silicon PNP Power Transistors
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISC [Inchange Semiconductor Company Limited]
Direct Link  http://www.iscsemi.cn
Logo ISC - Inchange Semiconductor Company Limited

2N5875 Datasheet(HTML) 2 Page - Inchange Semiconductor Company Limited

  2N5875 Datasheet HTML 1Page - Inchange Semiconductor Company Limited 2N5875 Datasheet HTML 2Page - Inchange Semiconductor Company Limited 2N5875 Datasheet HTML 3Page - Inchange Semiconductor Company Limited  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Inchange Semiconductor
Product Specification
2
Silicon PNP Power Transistors
2N5875 2N5876
CHARACTERISTICS
Tj=25℃ unless otherwise specified
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP.
MAX
UNIT
2N5875
-60
VCEO(SUS)
Collector-emitter
sustaining voltage
2N5876
IC=-0.2A ;IB=0
-80
V
VCEsat-1
Collector-emitter saturation voltage
IC=-5A;IB=-0.5A
-1.0
V
VCEsat-2
Collector-emitter saturation voltage
IC=-10A;IB=-2.5A
-3.0
V
VBEsat
Base-emitter saturation voltage
IC=-10A;IB=-2.5A
-2.5
V
VBE
Base-emitter on voltage
IC=-4A ; VCE=-4V
-1.5
V
ICBO
Collector cut-off current
VCB=ratedVCBO; IB=0
-0.5
mA
2N5875
VCE=-30V; IB=0
ICEO
Collector cut-off current
2N5876
VCE=-40V; IB=0
-1.0
mA
ICEX
Collector cut-off current
VCE=ratedVCE; VBE=1.5V
TC=150℃
-0.5
-5.0
mA
IEBO
Emitter cut-off current
VEB=-5V; IC=0
-1.0
mA
hFE-1
DC current gain
IC=-1A ; VCE=-4V
35
hFE-2
DC current gain
IC=-4A ; VCE=-4V
20
100
hFE-3
DC current gain
IC=-10A ; VCE=-4V
4
fT
Trainsistion frequency
IC=-0.5A ; VCE=-10V;f=1MHz
4
MHz



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com