Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2N5991 Datasheet(PDF) 2 Page - Inchange Semiconductor Company Limited

Part # 2N5991
Description  Silicon NPN Power Transistors
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISC [Inchange Semiconductor Company Limited]
Direct Link  http://www.iscsemi.cn
Logo ISC - Inchange Semiconductor Company Limited

2N5991 Datasheet(HTML) 2 Page - Inchange Semiconductor Company Limited

  2N5991 Datasheet HTML 1Page - Inchange Semiconductor Company Limited 2N5991 Datasheet HTML 2Page - Inchange Semiconductor Company Limited 2N5991 Datasheet HTML 3Page - Inchange Semiconductor Company Limited  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Inchange Semiconductor
Product Specification
2
Silicon NPN Power Transistors
2N5989 2N5990 2N5991
CHARACTERISTICS
Tj=25℃ unless otherwise specified
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP.
MAX
UNIT
2N5989
40
2N5990
60
VCEO(SUS)
Collector-emitter
sustaining voltage
2N5991
IC=0.2A ;IB=0
80
V
VCEsat-1
Collector-emitter saturation voltage
IC=6A ;IB=0.6A
0.6
V
VCEsat-2
Collector-emitter saturation voltage
IC=12A; IB=1.8A
1.7
V
VBEsat
Base-emitter saturation voltage
IC=12A; IB=1.8A
2.5
V
VBE
Base-emitter on voltage
IC=6A ; VCE=2V
1.4
V
2N5989
VCE=20V; IB=0
2N5990
VCE=30V; IB=0
ICEO
Collector cut-off current
2N5991
VCE=40V; IB=0
2.0
mA
ICEX
Collector cut-off current
VCE=RatedVCE;VBE=-1.5V
TC=125℃
0.2
2.0
mA
IEBO
Emitter cut-off current
VEB=5V; IC=0
1.0
mA
hFE-1
DC current gain
IC=1.5A ; VCE=2V
40
hFE-2
DC current gain
IC=6A ; VCE=2V
20
120
hFE-3
DC current gain
IC=12A ; VCE=2V
7.0
COB
Output capacitance
IE=0 ; VCB=10V;f=1MHz
300
pF
fT
Transition frequency
IC=0.5A ; VCE=10V;f=1MHz
2.0
MHz



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com