Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2N6248 Datasheet(PDF) 2 Page - Inchange Semiconductor Company Limited

Part # 2N6248
Description  Silicon PNP Power Transistors
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISC [Inchange Semiconductor Company Limited]
Direct Link  http://www.iscsemi.cn
Logo ISC - Inchange Semiconductor Company Limited

2N6248 Datasheet(HTML) 2 Page - Inchange Semiconductor Company Limited

  2N6248 Datasheet HTML 1Page - Inchange Semiconductor Company Limited 2N6248 Datasheet HTML 2Page - Inchange Semiconductor Company Limited 2N6248 Datasheet HTML 3Page - Inchange Semiconductor Company Limited  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Inchange Semiconductor
Product Specification
2
Silicon PNP Power Transistors
2N6246 2N6247 2N6248
CHARACTERISTICS
Tj=25℃ unless otherwise specified
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP.
MAX
UNIT
2N6246
-60
2N6247
-80
VCEO(SUS)
Collector-emitter
sustaining voltage
2N6248
IC=-0.2A ;IB=0
-100
V
2N6246
IC=-7A; IB=-0.7A
2N6247
IC=-6A; IB=-0.6A
VCEsat-1
Collector-emitter
saturation voltage
2N6248
IC=-5A; IB=-0.5A
-1.3
V
2N6246
IC=-15A; IB=-3A
-2.5
2N6247
IC=-15A; IB=-4A
VCEsat-2
Collector-emitter
saturation voltage
2N6248
IC=-10A; IB=-2A
-3.5
V
2N6246
IC=-7A ; VCE=-4V
-2.0
2N6247
IC=-6A ; VCE=-4V
-1.8
VBE
Base-emitter
on voltage
2N6248
IC=-5A ; VCE=-4V
-1.8
V
ICEO
Collector cut-off current
VCE=1/2Rated VCEO; IB=0
-1.0
mA
2N6246
VCE=-65V; VBE=-1.5V
VCE=-55V; VBE=-1.5V TC=150℃
-0.2
-5.0
2N6247
VCE=-85V; VBE=-1.5V
VCE=-70V; VBE=-1.5V TC=150℃
-0.2
-5.0
ICEX
Collector
cut-off current
2N6248
VCE=-100V; VBE=-1.5V
VCE=-90V; VBE=-1.5V TC=150℃
-0.2
-5.0
mA
2N6246
-5.0
2N6247
IEBO
Emitter
cut-off current
2N6248
VEB=-5V; IC=0
-1.0
mA
2N6246
IC=-7A ; VCE=-4V
2N6247
IC=-6A ; VCE=-4V
hFE-1
DC current gain
2N6248
IC=-5A ; VCE=-4V
20
100
2N6246
IC=-15A ; VCE=-4V
2N6247
IC=-15A ; VCE=-4V
hFE-2
DC current gain
2N6248
IC=-10A ; VCE=-4V
5



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com