Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

18TQ035PBF Datasheet(PDF) 6 Page - Vishay Siliconix

Part # 18TQ035PBF
Description  Schottky Rectifier, 18 A
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

18TQ035PBF Datasheet(HTML) 6 Page - Vishay Siliconix

  18TQ035PBF Datasheet HTML 1Page - Vishay Siliconix 18TQ035PBF Datasheet HTML 2Page - Vishay Siliconix 18TQ035PBF Datasheet HTML 3Page - Vishay Siliconix 18TQ035PBF Datasheet HTML 4Page - Vishay Siliconix 18TQ035PBF Datasheet HTML 5Page - Vishay Siliconix 18TQ035PBF Datasheet HTML 6Page - Vishay Siliconix 18TQ035PBF Datasheet HTML 7Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
Document Number: 95221
For technical questions within your region, please contact one of the following:
www.vishay.com
Revision: 07-Mar-11
DiodesAmericas@vishay.com, DiodesAsia@vishay.com, DiodesEurope@vishay.com
1
TO-220AC
Outline Dimensions
Vishay Semiconductors
DIMENSIONS in millimeters and inches
Notes
(1) Dimensioning and tolerancing as per ASME Y14.5M-1994
(2) Lead dimension and finish uncontrolled in L1
(3) Dimension D, D1 and E do not include mold flash. Mold flash shall not exceed 0.127 mm (0.005") per side. These dimensions are measured
at the outermost extremes of the plastic body
(4) Dimension b1, b3 and c1 apply to base metal only
(5) Controlling dimension: inches
(6) Thermal pad contour optional within dimensions E, H1, D2 and E1
(7) Dimension E2 x H1 define a zone where stamping and singulation irregularities are allowed
(8) Outline conforms to JEDEC TO-220, D2 (minimum) where dimensions are derived from the actual package outline
SYMBOL
MILLIMETERS
INCHES
NOTES
SYMBOL
MILLIMETERS
INCHES
NOTES
MIN.
MAX.
MIN.
MAX.
MIN.
MAX.
MIN.
MAX.
A
4.25
4.65
0.167
0.183
E1
6.86
8.89
0.270
0.350
6
A1
1.14
1.40
0.045
0.055
E2
-
0.76
-
0.030
7
A2
2.56
2.92
0.101
0.115
e
2.41
2.67
0.095
0.105
b
0.69
1.01
0.027
0.040
e1
4.88
5.28
0.192
0.208
b1
0.38
0.97
0.015
0.038
4
H1
6.09
6.48
0.240
0.255
6, 7
b2
1.20
1.73
0.047
0.068
L
13.52
14.02
0.532
0.552
b3
1.14
1.73
0.045
0.068
4
L1
3.32
3.82
0.131
0.150
2
c
0.36
0.61
0.014
0.024
L3
1.78
2.13
0.070
0.084
c1
0.36
0.56
0.014
0.022
4
L4
0.76
1.27
0.030
0.050
2
D
14.85
15.25
0.585
0.600
3
Ø P
3.54
3.73
0.139
0.147
D1
8.38
9.02
0.330
0.355
Q
2.60
3.00
0.102
0.118
D2
11.68
12.88
0.460
0.507
6
90° to 93°
90° to 93°
E
10.11
10.51
0.398
0.414
3, 6
13
2
D
D1
H1
Q
Detail B
C
A
B
L
e1
Lead tip
L4
L3
E
E2
Ø P
0.015
A
B
MM
0.014
A
B
MM
Seating
plane
c
A2
A1
A
A
A
Lead assignments
Diodes
1 + 2 - Cathode
3 - Anode
Conforms to JEDEC outline TO-220AC
(6)
(6)
(7)
(6)
(7)
View A - A
θ
E1
(6)
D2
(6)
H1
Thermal pad
E
Detail B
D
L1
D
12
3
C
C
2 x b2
2 x b



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com