Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2N6327 Datasheet(PDF) 2 Page - Inchange Semiconductor Company Limited

Part # 2N6327
Description  Silicon NPN Power Transistors
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISC [Inchange Semiconductor Company Limited]
Direct Link  http://www.iscsemi.cn
Logo ISC - Inchange Semiconductor Company Limited

2N6327 Datasheet(HTML) 2 Page - Inchange Semiconductor Company Limited

  2N6327 Datasheet HTML 1Page - Inchange Semiconductor Company Limited 2N6327 Datasheet HTML 2Page - Inchange Semiconductor Company Limited 2N6327 Datasheet HTML 3Page - Inchange Semiconductor Company Limited  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Inchange Semiconductor
Product Specification
2
Silicon NPN Power Transistors
2N6326 2N6327 2N6328
CHARACTERISTICS
Tj=25℃ unless otherwise specified
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP.
MAX
UNIT
2N6326
60
2N6327
80
VCEO(SUS)
Collector-emitter
sustaining voltage
2N6328
IC=0.2 A ;IB=0
100
V
VCEsat
Collector-emitter saturation voltage
IC=15A; IB=1.5A
1.2
V
VBEsat
Base-emitter saturation voltage
IC=15A; IB=1.5A
1.5
V
VBE
Base-emitter on voltage
IC=8A ; VCE=4V
1.5
V
2N6326
VCB=60V; IE=0
TC=150℃
1.0
5.0
2N6327
VCB=80V; IE=0
TC=150℃
1.0
5.0
ICBO
Collector cut-off current
2N6328
VCB=100V; IE=0
TC=150℃
1.0
5.0
mA
IEBO
Emitter cut-off current
VEB=4V; IC=0
1.0
mA
hFE-1
DC current gain
IC=8A ; VCE=4V
25
hFE-2
DC current gain
IC=30A ; VCE=4V
6
30
fT
Transition frequency
IC=1A ; VCE=10V;f=1.0MHz
3
MHz



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com