Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2N6339 Datasheet(PDF) 2 Page - Inchange Semiconductor Company Limited

Part # 2N6339
Description  isc Silicon NPN Power Transistors
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISC [Inchange Semiconductor Company Limited]
Direct Link  http://www.iscsemi.cn
Logo ISC - Inchange Semiconductor Company Limited

2N6339 Datasheet(HTML) 2 Page - Inchange Semiconductor Company Limited

  2N6339 Datasheet HTML 1Page - Inchange Semiconductor Company Limited 2N6339 Datasheet HTML 2Page - Inchange Semiconductor Company Limited  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
INCHANGE Semiconductor
isc Product Specification
isc Website:www.iscsemi.cn
2
isc Silicon NPN Power Transistors
2N6338/6339/6340/6341
ELECTRICAL CHARACTERISTICS
TC=25℃ unless otherwise specified
SYMBOL
PARAMETER
CONDITIONS
MIN
MAX
UNIT
2N6338
100
2N6339
120
2N6340
140
VCEO(SUS)
Collector-Emitter
Sustaining Voltage
2N6341
IC= 50mA ; IB= 0
150
V
VCE(sat)-1
Collector-Emitter Saturation Voltage
IC= 10A; IB= 1A
1.0
V
VCE(sat)-2
Collector-Emitter Saturation Voltage
IC= 25A; IB= 2.5A
1.8
V
VBE(sat)-1
Base-Emitter Saturation Voltage
IC= 10A; IB= 1A
1.8
V
VBE(sat)-2
Base-Emitter Saturation Voltage
IC= 25A; IB= 2.5A
2.5
V
VBE(on)
Base-Emitter On Voltage
IC= 10A ; VCE= 2V
1.8
V
2N6338
VCE= 50V; IB= 0
50
2N6339
VCE= 60V; IB= 0
50
2N6340
VCE= 70V; IB= 0
50
ICEO
Collector
Cutoff Current
2N6341
VCE= 75V; IB= 0
50
μA
ICBO
Collector Cutoff Current
VCB= RatedVCBO; IE= 0
10
μA
ICEX
Collector Cutoff Current
VCE= RatedVCEO;VBE(off)= 1.5V
VCE= RatedVCEO;VBE(off)= 1.5V,TC=150℃
10
1.0
μA
mA
IEBO
Emitter Cutoff Current
VEB= 6V; IC=0
0.1
mA
hFE-1
DC Current Gain
IC= 0.5A ; VCE= 2V
50
hFE-2
DC Current Gain
IC= 10A ; VCE= 2V
30
120
hFE-3
DC Current Gain
IC= 25A ; VCE= 2V
12
fT
Current-Gain
—Bandwidth Product
IC= 1A ; VCE= 10V ;ftest= 10MHz
40
MHz
COB
Output Capacitance
IE= 0 ; VCB= 10V ;ftest= 0.1MHz
300
pF
Switching Times
tr
Rise Time
VCC= 80V; IC= 10A;IB1= 1A, VBE(off)= 6V
0.3
μs
tstg
Storage Time
1.0
μs
tf
Fall Time
VCC= 80V; IC= 10A; IB1= -IB2= 1A,
0.25
μs



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com