Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2N6340 Datasheet(PDF) 1 Page - Inchange Semiconductor Company Limited

Part # 2N6340
Description  isc Silicon NPN Power Transistors
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISC [Inchange Semiconductor Company Limited]
Direct Link  http://www.iscsemi.cn
Logo ISC - Inchange Semiconductor Company Limited

2N6340 Datasheet(HTML) 1 Page - Inchange Semiconductor Company Limited

  2N6340 Datasheet HTML 1Page - Inchange Semiconductor Company Limited 2N6340 Datasheet HTML 2Page - Inchange Semiconductor Company Limited  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
INCHANGE Semiconductor
isc Product Specification
isc Website:www.iscsemi.cn
isc Silicon NPN Power Transistors
2N6338/6339/6340/6341
DESCRIPTION
·Collector-Emitter Sustaining Voltage-
: VCEO(SUS)= 100V(Min)- 2N6338
= 120V(Min)- 2N6339
= 140V(Min)- 2N6340
= 160V(Min)- 2N6341
·High Switching Speed
·Low Saturation Voltage-
: VCE(sat)= 1.0V(Max)@ IC= 10A
APPLICATIONS
·Designed for use in industrial-military power amplifier and
switching circuit applications.
ABSOLUTE MAXIMUM RATINGS(Ta=25℃)
THERMAL CHARACTERISTICS
SYMBOL
PARAMETER
MAX
UNIT
Rth j-c
Thermal Resistance,Junction to Case
0.875
℃/W
SYMBOL
PARAMETER
VALUE
UNIT
2N6338
120
2N6339
140
2N6340
160
VCBO
Collector-Base Voltage
2N6341
180
V
2N6338
100
2N6339
120
2N6340
140
VCEO
Collector-Emitter Voltage
2N6341
150
V
VEBO
Emitter-Base Voltage
7
V
IC
Collector Current-Continuous
25
A
ICM
Collector Current-Peak
50
A
IB
Base Current-Continuous
10
A
PC
Collector Power Dissipation @TC=25℃
200
W
TJ
Junction Temperature
200
℃
Tstg
Storage Temperature
-65~200
℃


Similar Part No. - 2N6340

ManufacturerPart #DatasheetDescription
logo
Mospec Semiconductor
2N6340 MOSPEC-2N6340 Datasheet
128Kb / 3P
POWER TRANSISTOR(25A,200W)
logo
ON Semiconductor
2N6340 ONSEMI-2N6340 Datasheet
155Kb / 4P
POWER TRANSISTORS NPN SILICON
May, 2001 ??Rev. 10
logo
Boca Semiconductor Corp...
2N6340 BOCA-2N6340 Datasheet
134Kb / 3P
HIGH-POWER NPN SILICON TRANSISTORS
logo
Savantic, Inc.
2N6340 SAVANTIC-2N6340 Datasheet
115Kb / 3P
Silicon NPN Power Transistors
logo
Quanzhou Jinmei Electro...
2N6340 JMNIC-2N6340 Datasheet
160Kb / 3P
Silicon NPN Power Transistors
More results

Similar Description - 2N6340

ManufacturerPart #DatasheetDescription
logo
Inchange Semiconductor ...
BDT31 ISC-BDT31 Datasheet
116Kb / 2P
isc Silicon NPN Power Transistors
MJ13070 ISC-MJ13070 Datasheet
143Kb / 2P
isc Silicon NPN Power Transistors
MJ13080 ISC-MJ13080 Datasheet
143Kb / 2P
isc Silicon NPN Power Transistors
MJE5180 ISC-MJE5180 Datasheet
114Kb / 2P
isc Silicon NPN Power Transistors
BUW132 ISC-BUW132 Datasheet
110Kb / 2P
isc Silicon NPN Power Transistors
D44TD3 ISC-D44TD3 Datasheet
107Kb / 2P
isc Silicon NPN Power Transistors
TIP48 ISC-TIP48 Datasheet
103Kb / 2P
isc Silicon NPN Power Transistors
TIP29B ISC-TIP29B Datasheet
82Kb / 2P
isc Silicon NPN Power Transistors
2SC4051 ISC-2SC4051 Datasheet
108Kb / 2P
isc Silicon NPN Power Transistors
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com