Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

D8LD40 Datasheet(PDF) 1 Page - Shindengen Electric Mfg.Co.Ltd

Part # D8LD40
Description  Super Fast Recovery Rectifiers(400V 8A)
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SHINDENGEN [Shindengen Electric Mfg.Co.Ltd]
Direct Link  http://www.shindengen.co.jp/
Logo SHINDENGEN - Shindengen Electric Mfg.Co.Ltd

D8LD40 Datasheet(HTML) 1 Page - Shindengen Electric Mfg.Co.Ltd

  D8LD40 Datasheet HTML 1Page - Shindengen Electric Mfg.Co.Ltd D8LD40 Datasheet HTML 2Page - Shindengen Electric Mfg.Co.Ltd D8LD40 Datasheet HTML 3Page - Shindengen Electric Mfg.Co.Ltd D8LD40 Datasheet HTML 4Page - Shindengen Electric Mfg.Co.Ltd D8LD40 Datasheet HTML 5Page - Shindengen Electric Mfg.Co.Ltd D8LD40 Datasheet HTML 6Page - Shindengen Electric Mfg.Co.Ltd D8LD40 Datasheet HTML 7Page - Shindengen Electric Mfg.Co.Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
Unit : mm
D8LD40
400V 8A
Copyright & Copy;2000 Shindengen Electric Mfg.Co.Ltd
OUTLINE DIMENSIONS
RATINGS
SHINDENGEN
Case : ITO-220
Low noise
trr50ns
Fully Isolated Molding
FEATURES
APPLICATION
Switching power supply
Free Wheel
Home Appliances, Office Equipment
Telecommunication, Factory Automation
Super Fast Recovery Rectifiers
Dual
●Absolute Maximum Ratings (If not specified Tc=25℃)
Item
Symbol
Conditions
Ratings
Unit
Storage Temperature
Tstg
-40∼150
Operating Junction Temperature
Tj
150
Maximum Reverse Voltage
VRM
400
V
Average Rectified Forward Current
IO
50Hz sine wave, R-load, Rating for each diode Io/2, Tc=114℃
8
A
Peak Surge Forward Current
IFSM
50Hz sine wave, Non-repetitive 1 cycle peak value, Tj=25℃
60
A
Dielectric Strength
Vdis
Terminals to case, AC 1 minute
1.5
kV
Mounting Torque
TOR
(Recommended torque:0.3N・m)
0.5
N・m
●Electrical Characteristics (If not specified Tc=25℃)
Item
Symbol
Conditions
Ratings
Unit
Forward Voltage
VF
IF=4A,
Pulse measurement, Rating of per diode
Max.1.3
V
Reverse Current
IR
VR=VRM,
Pulse measurement, Rating of per diode
Max.10
μA
Reverse Recovery Time
trr
IF=0.5A,  IR=1A,  Rating of per diode
Max.50
ns
Thermal Resistance
θjc
junction to case
Max.3.3
℃/W


Similar Part No. - D8LD40

ManufacturerPart #DatasheetDescription
logo
Shindengen Electric Mfg...
D8LD20U SHINDENGEN-D8LD20U Datasheet
482Kb / 7P
Super Fast Recovery Rectifiers(200V 8A)
logo
Thinki Semiconductor Co...
D8LD20U THINKISEMI-D8LD20U Datasheet
669Kb / 2P
10 Ampere Dual Tandem Polarity Ultra Fast Recovery Half Bridge Rectifiers
D8LD20UR THINKISEMI-D8LD20UR Datasheet
670Kb / 2P
10 Ampere Dual Doubler Polarity Ultra Fast Recovery Half Bridge Rectifiers
More results

Similar Description - D8LD40

ManufacturerPart #DatasheetDescription
logo
Shindengen Electric Mfg...
D20LC40 SHINDENGEN-D20LC40 Datasheet
391Kb / 6P
Super Fast Recovery Rectifiers(400V 20A)
D2L40 SHINDENGEN-D2L40 Datasheet
405Kb / 6P
Super Fast Recovery Rectifiers(400V 2A)
D4L40 SHINDENGEN-D4L40 Datasheet
434Kb / 7P
Super Fast Recovery Rectifiers(400V 4A)
D8L60 SHINDENGEN-D8L60 Datasheet
446Kb / 7P
Super Fast Recovery Rectifiers(600V 8A)
D8LC20UR SHINDENGEN-D8LC20UR Datasheet
444Kb / 7P
Super Fast Recovery Rectifiers(200V 8A)
D8LC40 SHINDENGEN-D8LC40 Datasheet
542Kb / 8P
Super Fast Recovery Rectifiers (400V 8A)
D8LD20U SHINDENGEN-D8LD20U Datasheet
482Kb / 7P
Super Fast Recovery Rectifiers(200V 8A)
DE3L40 SHINDENGEN-DE3L40 Datasheet
447Kb / 7P
Super Fast Recovery Rectifiers(400V 3A)
SF5LC40 SHINDENGEN-SF5LC40 Datasheet
392Kb / 6P
Super Fast Recovery Rectifiers(400V 5A)
SF8L60 SHINDENGEN-SF8L60 Datasheet
375Kb / 6P
Super Fast Recovery Rectifiers(600V 8A)
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com