Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

941 Datasheet(PDF) 4 Page - Magnetrol International, Inc.

Part # 941
Description  ECHOTEL짰CONTACTULTRASOUND
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAGNETROL [Magnetrol International, Inc.]
Direct Link  http://www.magnetrol.com
Logo MAGNETROL - Magnetrol International, Inc.

941 Datasheet(HTML) 4 Page - Magnetrol International, Inc.

  941 Datasheet HTML 1Page - Magnetrol International, Inc. 941 Datasheet HTML 2Page - Magnetrol International, Inc. 941 Datasheet HTML 3Page - Magnetrol International, Inc. 941 Datasheet HTML 4Page - Magnetrol International, Inc. 941 Datasheet HTML 5Page - Magnetrol International, Inc. 941 Datasheet HTML 6Page - Magnetrol International, Inc. 941 Datasheet HTML 7Page - Magnetrol International, Inc. 941 Datasheet HTML 8Page - Magnetrol International, Inc.  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
910 LevelSwitch
A reliable switch featuring a 10 amp DPDT gold
flash relay field-selectable for high or low level fail-
safe. Worldwide safety approvals, 2-year warranty.
Proximity Sensing
The Model 910 features a tip-sensitive
transducer which measures liquid level
to within 0.25" (6 mm) from the end of its
transducer. When used as a low level switch,
it can measure level further down into a tank
or vessel.
Omni-Directional Mounting
Model 910 may be mounted horizontally or
vertically. Mounting options include NPT
and BSP threaded, flanges and sanitary
connections.
Worldwide Safety Approvals
With FM, CSA and ATEX approvals on one
agency nameplate, this is the perfect switch
for OEM applications with global customer
destinations.
PROCESS MEDIA:
• Clean liquids
• Low viscosity liquids
• Liquids with low % solids
• Corrosive liquids
OF SPECIAL INTEREST TO:
• Water and Wastewater Treatment
• Foods, Beverages, Pharmaceuticals
• Oil and Gas Industries
• OEM and Skid Manufacturers
Liquid Level Applications
Model 910
Model 910 Electrical Specifications
Power Supply:
120 VAC (+10%/-15%), 50/60 Hz
240 VAC (+10%/-15%), 50/60 Hz
24 VDC (±10%)
Power Consumption:
2.5 VA nominal
Relay Output:
Gold Flash:
DPDT, 10 amps @ 120 VAC,
240 VAC, or 24 VDC
Hermetically-Sealed:
DPDT, 5 amps @ 120 VAC,
240 VAC, 24 VDC
Repeatability:
0.078" (2 mm)
Fail-Safe:
Field selectable high or low
Ambient Temperature:
Electronics:
-40° to +160° F (-40° to +71° C)
Process Temperature:
Transducer:
-40° to +250° F (-40° to +121° C)
Operating Pressure:
800 psig (55 bar) maximum
4



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com