Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

910-YM20-006 Datasheet(PDF) 4 Page - Magnetrol International, Inc.

Part # 910-YM20-006
Description  Echotel짰 Model 910
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAGNETROL [Magnetrol International, Inc.]
Direct Link  http://www.magnetrol.com
Logo MAGNETROL - Magnetrol International, Inc.

910-YM20-006 Datasheet(HTML) 4 Page - Magnetrol International, Inc.

  910-YM20-006 Datasheet HTML 1Page - Magnetrol International, Inc. 910-YM20-006 Datasheet HTML 2Page - Magnetrol International, Inc. 910-YM20-006 Datasheet HTML 3Page - Magnetrol International, Inc. 910-YM20-006 Datasheet HTML 4Page - Magnetrol International, Inc. 910-YM20-006 Datasheet HTML 5Page - Magnetrol International, Inc. 910-YM20-006 Datasheet HTML 6Page - Magnetrol International, Inc. 910-YM20-006 Datasheet HTML 7Page - Magnetrol International, Inc. 910-YM20-006 Datasheet HTML 8Page - Magnetrol International, Inc. 910-YM20-006 Datasheet HTML 9Page - Magnetrol International, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
4
2.2
Electrostatic Discharge (ESD)
Handling Procedure
Magnetrol electronic instruments are manufactured to the
highest quality standards. These instruments use electronic
components that may be damaged by static electricity
present in most work environments.
The following steps are recommended to reduce the risk of
component failure due to electrostatic discharge.
• Ship and store circuit boards in anti-static bags. If an anti-
static bag is not available, wrap the board in aluminum
foil. Do not place boards on foam packing materials.
• Use a grounding wrist strap when installing and removing
circuit boards. A grounded workstation is recommended.
• Handle circuit boards only by the edges. Do not touch
components or connector pins.
• Make sure that all electrical connections are completely
made and none are partial or floating. Ground all equip-
ment to a good, earth ground.
2.3
Preliminary Operational Check
After unpacking and before installation, perform the
following operational check on the unit in a non-
hazardous area:
1. Apply proper operating voltage to terminals L1 and L2/N.
Power supply ground should be connected to the green
ground screw in housing base.
2. Fill a suitable container with liquid.
3. Place transducer gap in the liquid. The relay output should
actuate.
4. Remove transducer from the liquid. The relay output
should de-actuate. In case of malfunction, consult
Section 3.1, Troubleshooting on page 8.
Caution: This unit contains CMOS electronics which may become
damaged by static electricity. Do not touch any semicon-
ductor devices unless you are properly grounded.
51-604 Echotel Model 910



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com