Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2N6372 Datasheet(PDF) 2 Page - Inchange Semiconductor Company Limited

Part # 2N6372
Description  Silicon NPN Power Transistors
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISC [Inchange Semiconductor Company Limited]
Direct Link  http://www.iscsemi.cn
Logo ISC - Inchange Semiconductor Company Limited

2N6372 Datasheet(HTML) 2 Page - Inchange Semiconductor Company Limited

  2N6372 Datasheet HTML 1Page - Inchange Semiconductor Company Limited 2N6372 Datasheet HTML 2Page - Inchange Semiconductor Company Limited 2N6372 Datasheet HTML 3Page - Inchange Semiconductor Company Limited  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Inchange Semiconductor
Product Specification
2
Silicon NPN Power Transistors
2N6372 2N6373 2N6374
CHARACTERISTICS
Tj=25℃ unless otherwise specified
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP.
MAX
UNIT
2N6372
80
2N6373
60
VCEO(SUS)
Collector-emitter
sustaining voltage
2N6374
IC=0.1A ;IB=0
40
V
VCEsat-1
Collector-emitter saturation voltage
IC=2A; IB=0.2A
0.7
V
VCEsat-2
Collector-emitter saturation voltage
IC=6A; IB=0.6A
1.2
V
VBEsat-1
Base-emitter saturation voltage
IC=2A; IB=0.2A
1.2
V
VBEsat-2
Base-emitter saturation voltage
IC=6A; IB=0.6A
2.0
V
2N6372
VCE=80V; IB=0
2N6373
VCE=60V; IB=0
ICEO
Collector cut-off current
2N6374
VCE=40V; IB=0
0.1
mA
ICBO
Collector cut-off current
VCB=Rated VCB; IE=0
10
μA
IEBO
Emitter cut-off current
VEB=6V; IC=0
0.1
mA
2N6372
IC=2A ; VCE=2V
2N6373
IC=2.5A ; VCE=2V
hFE
DC current gain
2N6374
IC=3A ; VCE=2V
20
100
fT
Transition frequency
IC=0.5A;VCE=10V;f=1MHz
4
MHz



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com