Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2N6387 Datasheet(PDF) 2 Page - Inchange Semiconductor Company Limited

Part # 2N6387
Description  Silicon NPN Power Transistors
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISC [Inchange Semiconductor Company Limited]
Direct Link  http://www.iscsemi.cn
Logo ISC - Inchange Semiconductor Company Limited

2N6387 Datasheet(HTML) 2 Page - Inchange Semiconductor Company Limited

  2N6387 Datasheet HTML 1Page - Inchange Semiconductor Company Limited 2N6387 Datasheet HTML 2Page - Inchange Semiconductor Company Limited 2N6387 Datasheet HTML 3Page - Inchange Semiconductor Company Limited  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Inchange Semiconductor
Product Specification
2
Silicon NPN Power Transistors
2N6386 2N6387 2N6388
CHARACTERISTICS
Tj=25℃ unless otherwise specified
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP.
MAX
UNIT
2N6386
40
2N6387
60
VCEO(SUS)
Collector-emitter
sustaining voltage
2N6388
IC=0.2A, IB=0
80
V
2N6386
IC=3A ,IB=6mA
VCEsat-1
Collector-emitter
saturation voltage
2N6387/6388
IC=5A ,IB=10mA
2.0
V
2N6386
IC=8A ,IB=80mA
VCEsat-2
Collector-emitter
saturation voltage
2N6387/6388
IC=10A ,IB=100mA
3.0
V
2N6386
IC=3A ; VCE=3V
VBE-1
Base-emitter
on voltage
2N6387/6388
IC=5A ; VCE=3V
2.8
V
2N6386
IC=8A ; VCE=3V
VBE-2
Base-emitter
on voltage
2N6387/6388
IC=10A ; VCE=3V
4.5
V
2N6386
VCB=40V, VBE=-1.5V
TC=125℃
0.3
3.0
2N6387
VCB=60V, VBE=-1.5V
TC=125℃
0.3
3.0
ICBO
Collector
cut-off current
2N6388
VCB=80V, VBE=-1.5V
TC=125℃
0.3
3.0
mA
2N6386
VCE=40V, IB=0
2N6387
VCE=60V, IB=0
ICEO
Collector
cut-off current
2N6388
VCE=80V, IB=0
1.0
mA
IEBO
Emitter cut-off current
VEB=5V; IC=0
5.0
mA
2N6386
IC=3A ; VCE=3V
hFE-1
DC current gain
2N6387/6388
IC=5A ; VCE=3V
1000
20000
2N6386
IC=8A ; VCE=3V
hFE-2
DC current gain
2N6387/6388
IC=10A ; VCE=3V
100
Cob
Output capacitance
IE=0 ; VCB=10V,f=0.1MHz
200
pF
THERMAL CHARACTERISTICS
SYMBOL
PARAMETER
VALUE
UNIT
Rth j-c
Thermal resistance junction to case
1.92
℃/W



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com