Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2N6543 Datasheet(PDF) 2 Page - Inchange Semiconductor Company Limited

Part # 2N6543
Description  Silicon NPN Power Transistors
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISC [Inchange Semiconductor Company Limited]
Direct Link  http://www.iscsemi.cn
Logo ISC - Inchange Semiconductor Company Limited

2N6543 Datasheet(HTML) 2 Page - Inchange Semiconductor Company Limited

  2N6543 Datasheet HTML 1Page - Inchange Semiconductor Company Limited 2N6543 Datasheet HTML 2Page - Inchange Semiconductor Company Limited 2N6543 Datasheet HTML 3Page - Inchange Semiconductor Company Limited  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Inchange Semiconductor
Product Specification
2
Silicon NPN Power Transistors
2N6542 2N6543
CHARACTERISTICS
Tj=25℃ unless otherwise specified
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP.
MAX
UNIT
2N6542
300
VCEO(SUS)
Collector-emitter
sustaining voltage
2N6543
IC=0.1A ;IB=0
400
V
VCEsat-1
Collector-emitter saturation voltage
IC=3A; IB=0.6A
1.0
V
VCEsat-2
Collector-emitter saturation voltage
IC=5A; IB=1.0A
5.0
V
VBEsat
Base-emitter saturation voltage
IC=3A; IB=0.6A
1.4
V
2N6542
VCE=650V; VBE(off)=1.5V
TC=100℃
0.5
3.0
ICEV
Collector cut-off current
2N6543
VCE=850V; VBE(off)=1.5V
TC=100℃
0.5
3.0
mA
IEBO
Emitter cut-off current
VEB=8V; IC=0
1.0
mA
hFE-1
DC current gain
IC=1.5A ; VCE=2V
12
60
hFE-2
DC current gain
IC=3A ; VCE=2V
7
35
fT
Trainsistion frequency
IC=0.2A ; VCE=10V;f=1MHz
6
35
MHz
Switching times
td
Delay time
0.05
μs
tr
Rise time
0.7
μs
tstg
Storage time
4.0
μs
tf
Fall time
VCC=250V; IC=3.0A
IB1=-IB2=0.6A;tp=0.1ms
0.8
μs
THERMAL CHARACTERISTICS
SYMBOL
PARAMETER
VALUE
UNIT
Rth j-c
Thermal resistance junction to case
1.75
℃/W



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com