Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

30CPU04PBF Datasheet(PDF) 1 Page - Vishay Siliconix

Part # 30CPU04PBF
Description  Ultrafast Rectifier, 2 x 15 A FRED Pt
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

30CPU04PBF Datasheet(HTML) 1 Page - Vishay Siliconix

  30CPU04PBF Datasheet HTML 1Page - Vishay Siliconix 30CPU04PBF Datasheet HTML 2Page - Vishay Siliconix 30CPU04PBF Datasheet HTML 3Page - Vishay Siliconix 30CPU04PBF Datasheet HTML 4Page - Vishay Siliconix 30CPU04PBF Datasheet HTML 5Page - Vishay Siliconix 30CPU04PBF Datasheet HTML 6Page - Vishay Siliconix 30CPU04PBF Datasheet HTML 7Page - Vishay Siliconix 30CPU04PBF Datasheet HTML 8Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
Document Number: 94013
For technical questions within your region, please contact one of the following:
www.vishay.com
Revision: 17-Feb-11
DiodesAmericas@vishay.com, DiodesAsia@vishay.com, DiodesEurope@vishay.com
1
Ultrafast Rectifier, 2 x 15 A FRED Pt®
VS-30CPU04PbF
Vishay Semiconductors
FEATURES
• Ultrafast recovery time
• Low forward voltage drop
• 175 °C operating junction temperature
• Low leakage current
• Compliant to RoHS Directive 2002/95/EC
• Designed and qualified for industrial level
DESCRIPTION/APPLICATIONS
FRED Pt® series are the state of the art ultrafast recovery
rectifiers specifically designed with optimized performance
of forward voltage drop and ultrafast recovery time.
The planar structure and the platinum doped life time
control,
guarantee
the
best
overall
performance,
ruggedness and reliability characteristics.
These devices are intended for use in the output rectification
stage
of
SMPS,
UPS,
DC/DC
converters
as
well
as freewheeling diodes in low voltage inverters and chopper
motor drives.
Their extremely optimized stored charge and low recovery
current minimize the switching losses and reduce over
dissipation in the switching element and snubbers.
PRODUCT SUMMARY
Package
TO-247AC
IF(AV)
2 x 15 A
VR
400 V
VF at IF
1.25 V
trr typ.
See Recovery table
TJ max.
175 °C
Diode variation
Common cathode
Base
common
cathode
Common
cathode
2
2
13
Anode
1
Anode
2
TO-247AC
ABSOLUTE MAXIMUM RATINGS
PARAMETER
SYMBOL
TEST CONDITIONS
VALUES
UNITS
Peak repetitive reverse voltage
VRRM
400
V
Average rectified forward current
per leg
IF(AV)
15
A
total device
Rated VR, TC = 149 °C
30
Non-repetitive peak surge current per leg
IFSM
TC = 25 °C
200
Peak repetitive forward current per leg
IFRM
Rated VR, TC = 149 °C, square wave, 20 kHz
30
Operating junction and storage temperatures
TJ, TStg
- 65 to 175
°C
ELECTRICAL SPECIFICATIONS (TJ = 25 °C unless otherwise specified)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN.
TYP.
MAX.
UNITS
Breakdown voltage,
blocking voltage
VBR,
VR
IR = 100 μA
400
-
-
V
Forward voltage
VF
IF = 15 A
-
1.17
1.25
IF = 15 A, TJ = 150 °C
-
0.93
1.12
Reverse leakage current
IR
VR = VR rated
-
0.3
10
μA
TJ = 150 °C, VR = VR rated
-
30
500
Junction capacitance
CT
VR = 400 V
-
28
-
pF
Series inductance
LS
Measured lead to lead 5 mm from package body
-
12
-
nH


Similar Part No. - 30CPU04PBF

ManufacturerPart #DatasheetDescription
logo
International Rectifier
30CPU04PBF IRF-30CPU04PBF Datasheet
163Kb / 7P
ULTRAFAST RECTIFIER
logo
Vishay Siliconix
30CPU04PBF VISHAY-30CPU04PBF Datasheet
122Kb / 7P
Ultrafast Rectifier, 2 x 15 A FRED PtTM
21-Jul-08
More results

Similar Description - 30CPU04PBF

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
30CPH03PBF VISHAY-30CPH03PBF_11 Datasheet
160Kb / 8P
Ultrafast Rectifier, 2 x 15 A FRED Pt
17-Feb-11
MUR3020WTPBF VISHAY-MUR3020WTPBF_11 Datasheet
151Kb / 8P
Ultrafast Rectifier, 2 x 15 A FRED Pt
17-Feb-11
VS-MUR3020WTPBF VISHAY-VS-MUR3020WTPBF Datasheet
163Kb / 8P
Ultrafast Rectifier, 2 x 15 A FRED Pt®
15-Aug-11
VS-30CPH03PBF VISHAY-VS-30CPH03PBF Datasheet
169Kb / 8P
Ultrafast Rectifier, 2 x 15 A FRED Pt®
26-Jun-12
VS-30CDU06HM3 VISHAY-VS-30CDU06HM3 Datasheet
131Kb / 7P
Ultrafast Rectifier, 2 x 15 A FRED Pt®
10-Feb-15
VS-30CDU06-M3 VISHAY-VS-30CDU06-M3 Datasheet
130Kb / 7P
Ultrafast Rectifier, 2 x 15 A FRED Pt®
10-Feb-15
VS-CPU3006L-M3 VISHAY-VS-CPU3006L-M3 Datasheet
266Kb / 7P
Ultrafast Rectifier, 2 x 15 A FRED Pt®
18-Sep-14
VS-30CDU06-M3 VISHAY-VS-30CDU06-M3_V01 Datasheet
166Kb / 7P
Ultrafast Rectifier, 2 x 15 A FRED Pt®
29-Jan-2021
VS-30CDU06HM3 VISHAY-VS-30CDU06HM3_V01 Datasheet
169Kb / 7P
Ultrafast Rectifier, 2 x 15 A FRED Pt®
29-Jan-2021
VS-30CPU04-N3 VISHAY-VS-30CPU04-N3_V01 Datasheet
170Kb / 7P
Ultrafast Rectifier, 2 x 15 A FRED Pt®
25-May-2020
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com