Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

A15-2E2R-HM7 Datasheet(PDF) 21 Page - Magnetrol International, Inc.

Part # A15-2E2R-HM7
Description  Liquid Level and Proof-er짰 Switches
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAGNETROL [Magnetrol International, Inc.]
Direct Link  http://www.magnetrol.com
Logo MAGNETROL - Magnetrol International, Inc.

A15-2E2R-HM7 Datasheet(HTML) 21 Page - Magnetrol International, Inc.

Back Button A15-2E2R-HM7 Datasheet HTML 17Page - Magnetrol International, Inc. A15-2E2R-HM7 Datasheet HTML 18Page - Magnetrol International, Inc. A15-2E2R-HM7 Datasheet HTML 19Page - Magnetrol International, Inc. A15-2E2R-HM7 Datasheet HTML 20Page - Magnetrol International, Inc. A15-2E2R-HM7 Datasheet HTML 21Page - Magnetrol International, Inc. A15-2E2R-HM7 Datasheet HTML 22Page - Magnetrol International, Inc. A15-2E2R-HM7 Datasheet HTML 23Page - Magnetrol International, Inc. A15-2E2R-HM7 Datasheet HTML 24Page - Magnetrol International, Inc. A15-2E2R-HM7 Datasheet HTML 25Page - Magnetrol International, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 40 page
background image
45-610 Displacer Type Liquid Level Switches and Proof-er® Switches
21
Displacer
Liquid
Type
Temp. ° F
Level
0.50 – 0.58
0.59 – 0.71
0.72 – 0.79
0.80 – 0.85
0.86 – 1.00
1.01 – 1.03
F
3.77 – 1.60
4.10 – 1.38
4.43 – 2.97
4.58 – 3.60
3.42 – 1.26
1.13 – 0.88
(95 – 40)
(104 – 35)
(112 – 75)
(24 – 91)
(86 – 31)
(28 – 22)
+100
G
9.46 – 8.16
9.72 – 8.08
9.96 – 9.07
9.63 – 9.07
8.96 – 7.71
7.63 – 7.48
(240 – 207)
(246 – 205)
(252 – 230)
(244 – 230)
(227 – 195)
(193 – 189)
H
3.73 – 3.21
4.86 – 4.04
5.97 – 5.44
6.05 – 5.69
5.63 – 4.84
4.79 – 4.70
(94 – 81)
(123 – 102)
(151 – 138)
(153 – 144)
(143 – 122)
(121 – 119)
F
4.22 – 1.98
1.74 – 1.44
3.74 – 2.35
2.17 – 1.33
3.89 – 1.66
—
(107 – 50)
(44 – 36)
(94 – 59)
(55 – 33)
(98 – 42)
+200
G
9.76 – 8.42
8.27 – 6.88
9.02 – 8.22
8.12 – 7.64
9.22 – 7.93
—
(247 – 213)
(210 – 174)
(229 – 208)
(206 – 194)
(234 – 201)
H
4.03 – 3.47
3.41 – 2.84
5.04 – 4.59
4.53 – 4.27
5.88 – 5.06
—
(102 – 88)
(86 – 62)
(128 – 116)
(115 – 108)
(149 – 128)
F—
4.87 – 2.26
4.55 – 3.08
2.89 – 2.02
4.56 – 2.24
—
(123 – 57)
(115 – 78)
(73 – 51)
(115 – 56)
+300
G—
10.30 – 8.70
9.83 – 8.96
8.84 – 8.32
9.89 – 8.51
—
(261 – 220)
(249 – 227)
(224 – 211)
(251 – 216)
H—
5.52 – 4.66
5.84 – 5.33
5.26 – 4.95
6.56 – 5.64
—
(140 – 118)
(148 – 135)
(133 – 125)
(166 – 131)
F——
5.35 – 3.82
3.62 – 2.70
5.24 – 2.82
—
(135 – 97)
(91 – 68)
(133 – 71)
+400
G—
—
10.63 – 9.69
9.57 – 9.01
10.57 – 9.09
—
(270 – 246)
(243 – 228)
(183 – 157)
H—
—
6.65 – 6.06
5.99 – 5.63
7.24 – 6.22
—
Stainless
(168 – 153)
(152 – 143)
(183 – 157)
Steel
F——
—
—
5.91 – 3.41
—
(150 – 86)
+500
G—
—
—
—
11.24 – 9.67
—
(285 – 245)
H—
—
—
—
7.91 – 6.80
—
(200 – 172)
B10 Standard actuating levels and liquid specific gravity with displacer arrangement 2
4.3
Specifications
4.3.6 Model B10 Actuating Levels (cont.)
Inches (mm)
B10 Standard actuating levels and liquid specific gravity with displacer arrangements 3, 4, and 5
Displacer
Liquid
Type
Temp. ° F
Level
0.60 – 0.64
0.65 – 0.71
0.72 – 0.73
0.74 – 0.82
0.83 – 0.92
0.93 – 1.00
1.01 – 1.07
G
2.77 – 2.01
2.63 – 1.62
2.67 – 2.51
2.58 – 1.42
3.16 – 1.94
1.82 – 1.04
1.69 – 1.23
(70 – 51)
(66 – 41)
(67 – 63)
(65 – 36)
(80 – 49)
(45 – 26)
(42 – 31)
+100
H
2.24 – 1.81
2.51 – 1.90
2.53 – 2.43
2.34 – 1.66
2.62 – 1.91
1.84 – 1.38
1.53 – 1.26
(56 – 45)
(63 – 48)
(64 – 61)
(59 – 42)
(66 – 48)
(46 – 35)
(38 – 32)
J
2.01 – 1.89
1.86 – 1.70
1.68 – 1.65
1.63 – 1.47
1.45 – 1.31
1.30 – 1.21
1.02 – .097
(51 – 48)
(47 – 43)
(42 – 41)
(41 – 37)
(36 – 33)
(33 – 30)
(25 – 24)
G
3.15
2.96 – 1.93
1.77 – 1.62
2.64 – 1.47
2.79 – 1.61
2.79 – 1.94
1.56 – 1.11
(80)
(75 – 49)
(44 – 41)
(67 – 37)
(70 – 40)
(70 – 49)
(39 – 28)
+200
H
2.69
2.57 – 1.96
1.87 – 1.78
2.16 – 1.50
2.25 – 1.58
2.44 – 1.94
1.40 – 1.14
(68)
965 – 49)
(47 – 45)
(54 – 38)
(57 – 40)
(61 – 49)
(35 – 28)
J
2.76
2.72 – 2.49
2.45 – 2.42
2.39 – 2.15
2.13 – 1.92
1.90 – 1.77
1.58 – 1.49
Porcelain
(70)
(69 – 63)
(62 – 61)
(60 – 54)
(54 – 48)
(48 – 44)
(40 – 37)
G—
—
—
3.39 – 2.15
3.47 – 2.22
3.39 – 2.50
2.11 – 1.63
(86 – 54)
(88 – 56)
(86 – 63)
(53 – 41)
+300
H—
—
—
2.92 – 2.18
2.93 – 2.18
3.04 – 2.50
1.95 – 1.66
(74 – 55)
(74 – 55)
(77 – 63)
(49 – 42)
J—
—
—
3.14 – 2.83
2.80 – 2.53
2.50 – 2.32
2.13 – 2.01
(79 – 71)
(71 – 64)
(63 – 58)
(54 – 51)
G—
—
—
—
—
—
2.67 – 2.15
(67 – 54)
+400
H—
—
—
—
—
—
2.68 – 2.34
(68 – 59)
J—
—
—
—
—
—
2.68 – 2.53
(68 – 64)
Stainless
Steel
and
Karbate
Note: All levels ±0.25" (6).
Note: All levels ±0.25" (6).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com