Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

40CTQ045SPBF Datasheet(PDF) 2 Page - Vishay Siliconix

Part # 40CTQ045SPBF
Description  Schottky Rectifier, 2 x 20 A
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

40CTQ045SPBF Datasheet(HTML) 2 Page - Vishay Siliconix

  40CTQ045SPBF Datasheet HTML 1Page - Vishay Siliconix 40CTQ045SPBF Datasheet HTML 2Page - Vishay Siliconix 40CTQ045SPBF Datasheet HTML 3Page - Vishay Siliconix 40CTQ045SPBF Datasheet HTML 4Page - Vishay Siliconix 40CTQ045SPBF Datasheet HTML 5Page - Vishay Siliconix 40CTQ045SPBF Datasheet HTML 6Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
www.vishay.com
For technical questions, contact: diodestech@vishay.com
Document Number: 94213
2
Revision: 15-Mar-10
VS-40CTQ045SPbF, VS-40CTQ045-1PbF
Vishay High Power Products Schottky Rectifier, 2 x 20 A
Note
(1) Pulse width < 300 μs, duty cycle < 2 %
ELECTRICAL SPECIFICATIONS
PARAMETER
SYMBOL
TEST CONDITIONS
VALUES
UNITS
Maximum forward voltage drop per leg
See fig. 1
VFM (1)
20 A
TJ = 25 °C
0.53
V
40 A
0.68
20 A
TJ = 125 °C
0.48
40 A
0.67
Maximum reverse leakage current per leg
See fig. 2
IRM (1)
TJ = 25 °C
VR = Rated VR
3
mA
TJ = 125 °C
115
Threshold voltage
VF(TO)
TJ = TJ maximum
0.27
V
Forward slope resistance
rt
8.72
m
Ω
Maximum junction capacitance per leg
CT
VR = 5 VDC (test signal range 100 kHz to 1 MHz), 25 °C
2800
pF
Typical series inductance per leg
LS
Measured lead to lead 5 mm from package body
8.0
nH
Maximum voltage rate of change
dV/dt
Rated VR
10 000
V/μs
THERMAL - MECHANICAL SPECIFICATIONS
PARAMETER
SYMBOL
TEST CONDITIONS
VALUES
UNITS
Maximum junction and storage
temperature range
TJ, TStg
- 55 to 150
°C
Maximum thermal resistance,
junction to case per leg
RthJC
DC operation
2.0
°C/W
Maximum thermal resistance,
junction to case per package
1.0
Typical thermal resistance,
case to heatsink
RthCS
Mounting surface, smooth and greased
0.50
Approximate weight
2g
0.07
oz.
Mounting torque
minimum
6 (5)
kgf
⋅ cm
(lbf
⋅ in)
maximum
12 (10)
Marking device
Case style D2PAK
40CTQ045S
Case style TO-262
40CTQ045-1



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com