Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

60CPU02-F Datasheet(PDF) 5 Page - Vishay Siliconix

Part # 60CPU02-F
Description  Ultrafast Rectifier, FRED Pt, 2 x 30 A
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

60CPU02-F Datasheet(HTML) 5 Page - Vishay Siliconix

  60CPU02-F Datasheet HTML 1Page - Vishay Siliconix 60CPU02-F Datasheet HTML 2Page - Vishay Siliconix 60CPU02-F Datasheet HTML 3Page - Vishay Siliconix 60CPU02-F Datasheet HTML 4Page - Vishay Siliconix 60CPU02-F Datasheet HTML 5Page - Vishay Siliconix 60CPU02-F Datasheet HTML 6Page - Vishay Siliconix 60CPU02-F Datasheet HTML 7Page - Vishay Siliconix 60CPU02-F Datasheet HTML 8Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
Document Number: 94657
For technical questions, contact: diodes-tech@vishay.com
www.vishay.com
Revision: 21-Jan-09
5
60CPU02-F
Ultrafast Rectifier,
FRED PtTM, 2 x 30 A
Vishay High Power Products
Fig. 9 - Reverse Recovery Parameter Test Circuit
Fig. 10 - Reverse Recovery Waveform and Definitions
IRFP250
D.U.T.
L = 70 µH
V
R = 200 V
0.01
Ω
G
D
S
dI
F/dt
adjust
Q
rr
0.5 I
RRM
dI
(rec)M/dt
0.75 I
RRM
I
RRM
t
rr
t
b
t
a
I
F
dI
F/dt
0
(1)
(2)
(3)
(4)
(5)
(1) dI
F/dt - rate of change of current
through zero crossing
(2) I
RRM - peak reverse recovery current
(3) t
rr - reverse recovery time measured
from zero crossing point of negative
going I
F to point where a line passing
through 0.75 I
RRM and 0.50 IRRM
extrapolated to zero current.
(4) Q
rr - area under curve defined by trr
and I
RRM
t
rr x IRRM
2
Q
rr =
(5) dI
(rec)M/dt - peak rate of change of
current during t
b portion of trr



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com