Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

B35-PS56-JHF Datasheet(PDF) 21 Page - Magnetrol International, Inc.

Part # B35-PS56-JHF
Description  Liquid Level Switches ASME B31.1 Construction
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAGNETROL [Magnetrol International, Inc.]
Direct Link  http://www.magnetrol.com
Logo MAGNETROL - Magnetrol International, Inc.

B35-PS56-JHF Datasheet(HTML) 21 Page - Magnetrol International, Inc.

Back Button B35-PS56-JHF Datasheet HTML 17Page - Magnetrol International, Inc. B35-PS56-JHF Datasheet HTML 18Page - Magnetrol International, Inc. B35-PS56-JHF Datasheet HTML 19Page - Magnetrol International, Inc. B35-PS56-JHF Datasheet HTML 20Page - Magnetrol International, Inc. B35-PS56-JHF Datasheet HTML 21Page - Magnetrol International, Inc. B35-PS56-JHF Datasheet HTML 22Page - Magnetrol International, Inc. B35-PS56-JHF Datasheet HTML 23Page - Magnetrol International, Inc. B35-PS56-JHF Datasheet HTML 24Page - Magnetrol International, Inc. B35-PS56-JHF Datasheet HTML 25Page - Magnetrol International, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 36 page
background image
46-624 Series 3 Liquid Level Switches ASME B31.1 Construction
21
5.2
Specifications
5.2.1 Dimensional Data — Sealed Cage Models
K
M
Plugged
K
L
HL
LL
G
J
(Ref)
H
K
M
Plugged
K
L
HL
LL
D
E
F
(Ref)
NEMA 1: 8.50 (216)
NEMA 4X/7/9: 10.12 (257)
Group B: 10.12 (257)
C
B
(Ref)
K
HL
LL
A
K
M
Plugged
L
Figure 24
Flanged Side/Side
Figure 23
Flanged Upper Side/Bottom
Figure 22
Threaded & Socket Weld
Upper Side/Bottom
Conduit Connections K
Actuation levels
Allow 8" (203 mm) over head
clearance for cover removal.
All housings rotatable 360°.
Electrical Switches
NEMA 4X/7/9:
1" NPT
Group B:
1" NPT
Pneumatic Switches
NEMA 1:
1
⁄4" NPT
Outline
Dimensions
LM
NEMA 4X/7/9
3.87
5.93
NEMA 4X/7/9,
(98)
(151)
Group B
NEMA 1
5.00
4.62
(127)
(117)
Inches (mm)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com