Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2SB631 Datasheet(PDF) 1 Page - Inchange Semiconductor Company Limited

Part # 2SB631
Description  2SB631K
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISC [Inchange Semiconductor Company Limited]
Direct Link  http://www.iscsemi.cn
Logo ISC - Inchange Semiconductor Company Limited

2SB631 Datasheet(HTML) 1 Page - Inchange Semiconductor Company Limited

  2SB631 Datasheet HTML 1Page - Inchange Semiconductor Company Limited 2SB631 Datasheet HTML 2Page - Inchange Semiconductor Company Limited 2SB631 Datasheet HTML 3Page - Inchange Semiconductor Company Limited 2SB631 Datasheet HTML 4Page - Inchange Semiconductor Company Limited  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Inchange Semiconductor
Product Specification
Silicon PNP Power Transistors
2SB631 2SB631K
DESCRIPTION
・
・With TO-126 package
・Complement to type 2SD600/K
・High breakdown voltage VCEO:-100/-120V
・High current: -1A
・Low saturation voltage,excellent hFE linearity
APPLICATIONS
・For low-frequency power
amplifier applications
PINNING
PIN
DESCRIPTION
1
Emitter
2
Collector;connected to
mounting base
3
Base
Absolute maximum ratings(Ta=25℃)
SYMBOL
PARAMETER
CONDITIONS
VALUE
UNIT
2SB631
-100
VCBO
Collector-base voltage
2SB631K
Open emitter
-120
V
2SB631
-100
VCEO
Collector-emitter voltage
2SB631K
Open base
-120
V
VEBO
Emitter-base voltage
Open collector
-5
V
IC
Collector current (DC)
-1
A
ICM
Collector current-Peak
-2
A
Ta=25℃
1
PD
Total power dissipation
TC=25℃
8
W
Tj
Junction temperature
150
℃
Tstg
Storage temperature
-55~150
℃


Similar Part No. - 2SB631

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
2SB631 SANYO-2SB631 Datasheet
106Kb / 3P
100V/120V, 1A Low-Frequency Power Amp Applications
2SB631 SANYO-2SB631 Datasheet
126Kb / 4P
100V/120V, 1A Low-Frequency Power Amplifier Applications
logo
Savantic, Inc.
2SB631 SAVANTIC-2SB631 Datasheet
159Kb / 4P
Silicon PNP Power Transistors
logo
Quanzhou Jinmei Electro...
2SB631 JMNIC-2SB631 Datasheet
225Kb / 4P
Silicon PNP Power Transistors
logo
Savantic, Inc.
2SB631 SAVANTIC-2SB631 Datasheet
161Kb / 4P
Silicon PNP Power Transistors
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com