Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DF15SC4M Datasheet(PDF) 1 Page - Shindengen Electric Mfg.Co.Ltd

Part # DF15SC4M
Description  Schottky Rectifiers (SBD) (40V 15A)
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SHINDENGEN [Shindengen Electric Mfg.Co.Ltd]
Direct Link  http://www.shindengen.co.jp/
Logo SHINDENGEN - Shindengen Electric Mfg.Co.Ltd

DF15SC4M Datasheet(HTML) 1 Page - Shindengen Electric Mfg.Co.Ltd

  DF15SC4M Datasheet HTML 1Page - Shindengen Electric Mfg.Co.Ltd DF15SC4M Datasheet HTML 2Page - Shindengen Electric Mfg.Co.Ltd DF15SC4M Datasheet HTML 3Page - Shindengen Electric Mfg.Co.Ltd DF15SC4M Datasheet HTML 4Page - Shindengen Electric Mfg.Co.Ltd DF15SC4M Datasheet HTML 5Page - Shindengen Electric Mfg.Co.Ltd DF15SC4M Datasheet HTML 6Page - Shindengen Electric Mfg.Co.Ltd DF15SC4M Datasheet HTML 7Page - Shindengen Electric Mfg.Co.Ltd DF15SC4M Datasheet HTML 8Page - Shindengen Electric Mfg.Co.Ltd DF15SC4M Datasheet HTML 9Page - Shindengen Electric Mfg.Co.Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
DF15SC4M
40V 15A
Copyright & Copy;2000 Shindengen Electric Mfg.Co.Ltd
OUTLINE DIMENSIONS
Unit : mm
RATINGS
SHINDENGEN
Case : STO-220
SMT
Tj150℃
PRRSM avalanche guaranteed
High current capacity with Small Package
Switching power supply
DC/DC converter
Home Appliances, Office Equipment
Telecommunication
FEATURES
APPLICATION
Schottky Rectifiers (SBD)
Dual
●Absolute Maximum Ratings (If not specified Tc=25℃)
Item
Symbol
Conditions
Ratings
Unit
Storage Temperature
Tstg
-40∼150
Operating Junction Temperature
Tj
150
Maximum Reverse Voltage
VRM
40
V
Repetitive Peak Surge Reverse Voltage
VRRSM
Pulse width 0.5ms, duty 1/40
45
V
Average Rectified Forward Current
IO
50Hz sine wave, R-load, Tc=129℃
15
A
Peak Surge Forward Current
IFSM
50Hz sine wave, Non-repetitive 1 cycle peak value, Tj=125℃
150
A
Repetitive Peak Surge Reverse Power
PRRSM
Pulse width 10μs, Rating of per diode, Tj= 25℃
330
W
●Electrical Characteristics (If not specified Tc=25℃)
Item
Symbol
Conditions
Ratings
Unit
Forward Voltage
VF
IF=7.5A,
Pulse measurement, Rating of per diode
Max.0.55
V
Reverse Current
IR
VR=VRM,
Pulse measurement, Rating of per diode
Max.5
mA
Junction Capacitance
Cj
f=1MHz, VR=10V,
Rating of per diode
Typ.340
pF
Thermal Resistance
θjc
junction to case
Max.1.7
℃/W


Similar Part No. - DF15SC4M

ManufacturerPart #DatasheetDescription
logo
Inchange Semiconductor ...
DF15SC4M ISC-DF15SC4M Datasheet
325Kb / 2P
Schottky Barrier Diode
logo
Shindengen Electric Mfg...
DF15SC4M SHINDENGEN-DF15SC4M_10 Datasheet
630Kb / 2P
Schottky Barrier Diode
More results

Similar Description - DF15SC4M

ManufacturerPart #DatasheetDescription
logo
Shindengen Electric Mfg...
D10SC4MR SHINDENGEN-D10SC4MR Datasheet
694Kb / 11P
Schottky Rectifiers (SBD) (40V 10A)
D120SC4M SHINDENGEN-D120SC4M Datasheet
16Kb / 1P
Schottky Rectifiers (SBD) (40V 120A)
D15SCA4M SHINDENGEN-D15SCA4M Datasheet
689Kb / 11P
Schottky Rectifiers (SBD) (40V 15A)
D180SC4M SHINDENGEN-D180SC4M Datasheet
17Kb / 1P
Schottky Rectifiers (SBD) (40V 180A)
D1FS4 SHINDENGEN-D1FS4 Datasheet
599Kb / 12P
Schottky Rectifiers (SBD) (40V 1.1A)
D1NS4 SHINDENGEN-D1NS4 Datasheet
552Kb / 10P
Schottky Rectifiers (SBD) (40V 1A)
D2S4M SHINDENGEN-D2S4M Datasheet
587Kb / 11P
Schottky Rectifiers (SBD) (40V 2A)
D30SC4M SHINDENGEN-D30SC4M Datasheet
589Kb / 10P
Schottky Rectifiers (SBD) (40V 30A)
DF30SC4M SHINDENGEN-DF30SC4M Datasheet
535Kb / 10P
Schottky Rectifiers (SBD) (40V 30A)
S10SC4M SHINDENGEN-S10SC4M Datasheet
566Kb / 10P
Schottky Rectifiers (SBD) (40V 10A)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com