Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2SB705A Datasheet(PDF) 1 Page - Inchange Semiconductor Company Limited

Part # 2SB705A
Description  Silicon PNP Power Transistors
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISC [Inchange Semiconductor Company Limited]
Direct Link  http://www.iscsemi.cn
Logo ISC - Inchange Semiconductor Company Limited

2SB705A Datasheet(HTML) 1 Page - Inchange Semiconductor Company Limited

  2SB705A Datasheet HTML 1Page - Inchange Semiconductor Company Limited 2SB705A Datasheet HTML 2Page - Inchange Semiconductor Company Limited 2SB705A Datasheet HTML 3Page - Inchange Semiconductor Company Limited  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Inchange Semiconductor
Product Specification
Silicon PNP Power Transistors
2SB705/705A/705B
DESCRIPTION
・
・With MT-200 package
・Complement to type 2SD745/745A/745B
APPLICATIONS
・Audio frequency power amplifier
・Suitable for output stages of 60~120W audio
amplifiers and voltage regulators
PINNING(see Fig.2)
PIN
DESCRIPTION
1
Base
2
Collector;connected to
mounting base
3
Emitter
Absolute maximum ratings (Ta=25℃)
SYMBOL
PARAMETER
CONDITIONS
VALUE
UNIT
2SB705
-140
2SB705A
-150
VCBO
Collector-base voltage
2SB705B
Open emitter
-160
V
2SB705
-140
2SB705A
-150
VCEO
Collector-emitter voltage
2SB705B
Open base
-160
V
VEBO
Emitter-base voltage
Open collector
-5
V
IC
Collector current
-10
A
ICM
Collector current-peak
-15
A
PT
Total power dissipation
TC=25℃
120
W
Tj
Junction temperature
150
℃
Tstg
Storage temperature
-55~150
℃
Fig.1 simplified outline (MT-200) and symbol


Similar Part No. - 2SB705A

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
2SB705A ETC-2SB705A Datasheet
107Kb / 2P
PNP/NPN SILICON TRIPLE DIFFUSED TRANSISTOR
logo
Savantic, Inc.
2SB705A SAVANTIC-2SB705A Datasheet
126Kb / 3P
Silicon PNP Power Transistors
logo
Quanzhou Jinmei Electro...
2SB705A JMNIC-2SB705A Datasheet
180Kb / 3P
Silicon PNP Power Transistors
logo
Savantic, Inc.
2SB705A SAVANTIC-2SB705A Datasheet
128Kb / 3P
Silicon PNP Power Transistors
More results

Similar Description - 2SB705A

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
BD244 BOURNS-BD244 Datasheet
106Kb / 5P
PNP SILICON POWER TRANSISTORS
BD544 BOURNS-BD544 Datasheet
103Kb / 5P
PNP SILICON POWER TRANSISTORS
logo
List of Unclassifed Man...
2SA1659 ETC-2SA1659 Datasheet
48Kb / 3P
Silicon PNP Power Transistors
logo
Inchange Semiconductor ...
2SA1129 ISC-2SA1129 Datasheet
95Kb / 3P
Silicon PNP Power Transistors
2SA1067 ISC-2SA1067 Datasheet
152Kb / 3P
Silicon PNP Power Transistors
2SA1094 ISC-2SA1094 Datasheet
181Kb / 3P
Silicon PNP Power Transistors
2SA636 ISC-2SA636 Datasheet
149Kb / 3P
Silicon PNP Power Transistors
2SA1859 ISC-2SA1859 Datasheet
146Kb / 4P
Silicon PNP Power Transistors
2SA648 ISC-2SA648 Datasheet
152Kb / 3P
Silicon PNP Power Transistors
2SA971 ISC-2SA971 Datasheet
155Kb / 3P
Silicon PNP Power Transistors
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com