Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DF20L60 Datasheet(PDF) 1 Page - Shindengen Electric Mfg.Co.Ltd

Part # DF20L60
Description  Super Fast Recovery Rectifiers(600V 20A)
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SHINDENGEN [Shindengen Electric Mfg.Co.Ltd]
Direct Link  http://www.shindengen.co.jp/
Logo SHINDENGEN - Shindengen Electric Mfg.Co.Ltd

DF20L60 Datasheet(HTML) 1 Page - Shindengen Electric Mfg.Co.Ltd

  DF20L60 Datasheet HTML 1Page - Shindengen Electric Mfg.Co.Ltd DF20L60 Datasheet HTML 2Page - Shindengen Electric Mfg.Co.Ltd DF20L60 Datasheet HTML 3Page - Shindengen Electric Mfg.Co.Ltd DF20L60 Datasheet HTML 4Page - Shindengen Electric Mfg.Co.Ltd DF20L60 Datasheet HTML 5Page - Shindengen Electric Mfg.Co.Ltd DF20L60 Datasheet HTML 6Page - Shindengen Electric Mfg.Co.Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
DF20L60
600V 20A
Copyright & Copy;2000 Shindengen Electric Mfg.Co.Ltd
RATINGS
SHINDENGEN
OUTLINE DIMENSIONS
(Unit : mm)
Case : STO-220
● SMT
● High Voltage
● trr70ns
FEATURES
APPLICATION
● PFC
● Switching power supply
● Free Wheel
● Home Appliances, Office Equipment,
Factory Automation
●Absolute Maximum Ratings (If not specified Tc=25℃)
Item
Symbol
Conditions
Ratings
Unit
Storage Temperature
Tstg
-55∼150
℃
Operating Junction Temperature
Tj
150
℃
Maximum Reverse Voltage
VRM
600
V
Average Rectified Forward Current
IO
50Hz sine wave, R-load, Tc=84℃
20
A
Peak Surge Forward Current
IFSM
50Hz sine wave, Non-repetitive 1 cycle peak value, Tj=25℃
170
A
●Electrical Characteristics (If not specified Tc=25℃)
Item
Symbol
Conditions
Ratings
Unit
Forward Voltage
VF
IF=20A,
Pulse measurement
Max.1.9
V
Reverse Current
IR
VR=VRM,
Pulse measurement
Max.25
μA
Reverse Recovery Time
trr
IF=0.5A,  I R=1A
Max.70
ns
Thermal Resistance
θjc
junction to case
Max.1.5
℃/W
Super Fast Recovery Rectifiers
Single


Similar Part No. - DF20L60

ManufacturerPart #DatasheetDescription
logo
Inchange Semiconductor ...
DF20L60 ISC-DF20L60 Datasheet
321Kb / 2P
Fast Recovery Diode
logo
Shindengen Electric Mfg...
DF20L60U SHINDENGEN-DF20L60U Datasheet
398Kb / 4P
Super Fast Recovery Diode
logo
Inchange Semiconductor ...
DF20L60U ISC-DF20L60U Datasheet
321Kb / 2P
Fast Recovery Diode
logo
Shindengen Electric Mfg...
DF20L60 SHINDENGEN-DF20L60_17 Datasheet
388Kb / 4P
Super Fast Recovery Diode
More results

Similar Description - DF20L60

ManufacturerPart #DatasheetDescription
logo
Shindengen Electric Mfg...
D20LC20U SHINDENGEN-D20LC20U Datasheet
379Kb / 6P
Super Fast Recovery Rectifiers(200V 20A)
D20LC40 SHINDENGEN-D20LC40 Datasheet
391Kb / 6P
Super Fast Recovery Rectifiers(400V 20A)
DF20LC20U SHINDENGEN-DF20LC20U Datasheet
375Kb / 6P
Super Fast Recovery Rectifiers(200V 20A)
DF20LC30 SHINDENGEN-DF20LC30 Datasheet
341Kb / 6P
Super Fast Recovery Rectifiers(300V 20A)
S20L60 SHINDENGEN-S20L60 Datasheet
389Kb / 6P
Super Fast Recovery Rectifiers(600V 20A)
S20LC20U SHINDENGEN-S20LC20U Datasheet
391Kb / 6P
Super Fast Recovery Rectifiers(200V 20A)
S20LC40 SHINDENGEN-S20LC40 Datasheet
374Kb / 6P
Super Fast Recovery Rectifiers(400V 20A)
SF20L60U SHINDENGEN-SF20L60U Datasheet
334Kb / 6P
Super Fast Recovery Rectifiers(600V 20A)
SF20LC30 SHINDENGEN-SF20LC30 Datasheet
338Kb / 6P
Super Fast Recovery Rectifiers(300V 20A)
logo
Frontier Electronics.
SF2005FCT FRONTIER-SF2005FCT Datasheet
1Mb / 2P
20A SUPER FAST RECOVERY RECTIFIER 50V-600V
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com