Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2SB794 Datasheet(PDF) 1 Page - Inchange Semiconductor Company Limited

Part # 2SB794
Description  Silicon PNP Power Transistors
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISC [Inchange Semiconductor Company Limited]
Direct Link  http://www.iscsemi.cn
Logo ISC - Inchange Semiconductor Company Limited

2SB794 Datasheet(HTML) 1 Page - Inchange Semiconductor Company Limited

  2SB794 Datasheet HTML 1Page - Inchange Semiconductor Company Limited 2SB794 Datasheet HTML 2Page - Inchange Semiconductor Company Limited 2SB794 Datasheet HTML 3Page - Inchange Semiconductor Company Limited  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Inchange Semiconductor
Product Specification
Silicon PNP Power Transistors
2SB794 2SB795
DESCRIPTION
・With TO-126 package
・DARLINGTON
・High DC current gain
・Low collector saturation voltage
・Complement to type 2SD985 2SD986
APPLICATIONS
・For use in operating from IC without
predriver ,such as hammer driver
PINNING(See Fig.2)
PIN
DESCRIPTION
1
Emitter
2
Collector;connected to
mounting base
3
Base
Absolute maximum ratings(Ta=25℃)
SYMBOL
PARAMETER
CONDITIONS
VALUE
UNIT
2SB794
-60
VCBO
Collector-base voltage
2SB795
Open emitter
-80
V
2SB794
-60
VCEO
Collector-emitter voltage
2SB795
Open base
-80
V
VEBO
Emitter-base voltage
Open collector
-8
V
IC
Collector current (DC)
-1.5
A
ICM
Collector current-peak
-3.0
A
Ta=25℃
1.0
PD
Total power dissipation
TC=25℃
10
W
Tj
Junction temperature
150
℃
Tstg
Storage temperature
-55~150
℃


Similar Part No. - 2SB794

ManufacturerPart #DatasheetDescription
logo
NEC
2SB794 NEC-2SB794 Datasheet
149Kb / 3P
PNP SILICON DARLINGTON POWER TRANSISTORS
logo
Savantic, Inc.
2SB794 SAVANTIC-2SB794 Datasheet
114Kb / 3P
Silicon PNP Power Transistors
logo
Quanzhou Jinmei Electro...
2SB794 JMNIC-2SB794 Datasheet
169Kb / 3P
Silicon PNP Power Transistors
logo
Savantic, Inc.
2SB794 SAVANTIC-2SB794 Datasheet
116Kb / 3P
Silicon PNP Power Transistors
logo
Quanzhou Jinmei Electro...
2SB794 JMNIC-2SB794_15 Datasheet
169Kb / 3P
Silicon PNP Power Transistors
More results

Similar Description - 2SB794

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
BD244 BOURNS-BD244 Datasheet
106Kb / 5P
PNP SILICON POWER TRANSISTORS
BD544 BOURNS-BD544 Datasheet
103Kb / 5P
PNP SILICON POWER TRANSISTORS
logo
List of Unclassifed Man...
2SA1659 ETC-2SA1659 Datasheet
48Kb / 3P
Silicon PNP Power Transistors
logo
Inchange Semiconductor ...
2SA1129 ISC-2SA1129 Datasheet
95Kb / 3P
Silicon PNP Power Transistors
2SA1067 ISC-2SA1067 Datasheet
152Kb / 3P
Silicon PNP Power Transistors
2SA1094 ISC-2SA1094 Datasheet
181Kb / 3P
Silicon PNP Power Transistors
2SA636 ISC-2SA636 Datasheet
149Kb / 3P
Silicon PNP Power Transistors
2SA1859 ISC-2SA1859 Datasheet
146Kb / 4P
Silicon PNP Power Transistors
2SA648 ISC-2SA648 Datasheet
152Kb / 3P
Silicon PNP Power Transistors
2SA971 ISC-2SA971 Datasheet
155Kb / 3P
Silicon PNP Power Transistors
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com