Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2SB940 Datasheet(PDF) 2 Page - Inchange Semiconductor Company Limited

Part # 2SB940
Description  Silicon PNP Power Transistors
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISC [Inchange Semiconductor Company Limited]
Direct Link  http://www.iscsemi.cn
Logo ISC - Inchange Semiconductor Company Limited

2SB940 Datasheet(HTML) 2 Page - Inchange Semiconductor Company Limited

  2SB940 Datasheet HTML 1Page - Inchange Semiconductor Company Limited 2SB940 Datasheet HTML 2Page - Inchange Semiconductor Company Limited 2SB940 Datasheet HTML 3Page - Inchange Semiconductor Company Limited 2SB940 Datasheet HTML 4Page - Inchange Semiconductor Company Limited  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Inchange Semiconductor
Product Specification
2
Silicon PNP Power Transistors
2SB940,2SB940A
CHARACTERISTICS
Tj=25℃ unless otherwise specified
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP.
MAX
UNIT
2SB940
-150
V(BR)CEO
Collector-emitter
breakdown voltage
2SB940A
IC=-5mA ,IB=0
-180
V
V(BR)CBO
Collector-base breakdown voltage
IC=-50μA ,IE=0
-200
V
V(BR)EBO
Emitter-base breakdown voltage
IC=-500μA ,IC=0
-6
V
VCEsat
Collector-emitter saturation voltage
IC=-0.5A, IB=-50mA
-1.0
V
VBE
Base-emitter voltage
IC=-0.4A ; VCE=-10V
-1.0
V
IEBO
Emitter cut-off current
VEB=-4V; IC=0
-50
μA
ICBO
Collector cut-off current
VCB=-200V; IE=0
-50
μA
hFE-1
DC current gain
IC=-0.15A ; VCE=-10V
60
240
hFE-2
DC current gain
IC=-0.4A ; VCE=-10V
50
fT
Transition frequency
IC=-0.5A; VCE=-10V,f=10MHz
30
MHz
hFE-1 Classifications
Q
P
60-140
100-240



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com