Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

B40-2F30-RNW Datasheet(PDF) 4 Page - Magnetrol International, Inc.

Part # B40-2F30-RNW
Description  B40 Liquid Level Switch
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAGNETROL [Magnetrol International, Inc.]
Direct Link  http://www.magnetrol.com
Logo MAGNETROL - Magnetrol International, Inc.

B40-2F30-RNW Datasheet(HTML) 4 Page - Magnetrol International, Inc.

  B40-2F30-RNW Datasheet HTML 1Page - Magnetrol International, Inc. B40-2F30-RNW Datasheet HTML 2Page - Magnetrol International, Inc. B40-2F30-RNW Datasheet HTML 3Page - Magnetrol International, Inc. B40-2F30-RNW Datasheet HTML 4Page - Magnetrol International, Inc. B40-2F30-RNW Datasheet HTML 5Page - Magnetrol International, Inc. B40-2F30-RNW Datasheet HTML 6Page - Magnetrol International, Inc. B40-2F30-RNW Datasheet HTML 7Page - Magnetrol International, Inc. B40-2F30-RNW Datasheet HTML 8Page - Magnetrol International, Inc.  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
4
D I M E N S I O N A L
S P E C I F I C A T I O N S
I N C H E S
( M M )
B40-5C20
B40-3C30
B40-4C40
22.63 (574)
9.06
(230)
11/2" Socket Weld
6.12
(155)
10.12
(257)
6.63
(168)
5.06
(129)
11/2" Socket Weld
C
L
10.12
(257)
3.87 (98)
Rotation Clearance
5.93
(150)
Rising Level
0.50 (13)
Falling Level
0.50 (13)
8.46
(214)
9.50
(241)
Plug
Electrical
Connection
7.19
(132)
5.93
(150)
19.62 (498)
7.56
(192)
11/2" Socket Weld
9.50
(241)
6.62
(168)
O.D.
4.75
(121)
1 " Socket Weld
1 2
⁄
C
L
8.46 (214)
3.87
(98)
Rotation Clearance
Rising Level
0.50 (13)
Falling Level
0.50 (13)
10.12
(257)
8.50
(215)
7.19
(182)
Electrical
Connection
Plug
19.88 (504)
7.19
(182)
1" Socket Weld
8.30
(210)
5.56
(141)
1" Socket Weld
C
L
Rotation Clearance
10.12
(257)
3.87
(98)
5.93
(150)
0.50 (13)
0.50 (13)
Rising Level
Falling Level
4.18
(106)
4.15
(105)
8.46 (214)
Plug
Electrical
Connection
7.19
(132)



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com