Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DF40PC3 Datasheet(PDF) 1 Page - Shindengen Electric Mfg.Co.Ltd

Part # DF40PC3
Description  Schottky Rectifiers (SBD) (30V 40A)
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SHINDENGEN [Shindengen Electric Mfg.Co.Ltd]
Direct Link  http://www.shindengen.co.jp/
Logo SHINDENGEN - Shindengen Electric Mfg.Co.Ltd

DF40PC3 Datasheet(HTML) 1 Page - Shindengen Electric Mfg.Co.Ltd

  DF40PC3 Datasheet HTML 1Page - Shindengen Electric Mfg.Co.Ltd DF40PC3 Datasheet HTML 2Page - Shindengen Electric Mfg.Co.Ltd DF40PC3 Datasheet HTML 3Page - Shindengen Electric Mfg.Co.Ltd DF40PC3 Datasheet HTML 4Page - Shindengen Electric Mfg.Co.Ltd DF40PC3 Datasheet HTML 5Page - Shindengen Electric Mfg.Co.Ltd DF40PC3 Datasheet HTML 6Page - Shindengen Electric Mfg.Co.Ltd DF40PC3 Datasheet HTML 7Page - Shindengen Electric Mfg.Co.Ltd DF40PC3 Datasheet HTML 8Page - Shindengen Electric Mfg.Co.Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
DF40PC3
30V 40A
Copyright & Copy;2000 Shindengen Electric Mfg.Co.Ltd
SHINDENGEN
OUTLINE DIMENSIONS
Unit : mm
RATINGS
Case : STO-220
SMT
Super low VF=0.4V
High current capacity with Small Package
Reversed Battery Connection Protection
DC OR output
DC/DC converter
Mobile telephone, personal computer
FEATURES
APPLICATION
Dual
Schottky Rectifiers (SBD)
●Absolute Maximum Ratings (If not specified Tc=25℃)
Item
Symbol
Conditions
Ratings
Unit
Storage Temperature
Tstg
-55∼125
Operating Junction Temperature
Tj
125
Maximum Reverse Voltage
VRM
30
V
Repetitive Peak Surge Reverse Voltage
VRRSM Pulse width 0.5ms, duty 1/40
35
V
Average Rectified Forward Current
IO
50Hz sine wave, R-load, Rating for each diode Io/2, Tc=105℃
40
A
Peak Surge Forward Current
IFSM
50Hz sine wave, Non-repetitive 1 cycle peak value, Tj=25℃
350
A
●Electrical Characteristics (If not specified Tc=25℃)
Item
Symbol
Conditions
Ratings
Unit
Forward Voltage
VF
IF=15A,
Pulse measurement, Rating of per diode
Max.0.4
V
Reverse Current
IR
VR=VRM,
Pulse measurement, Rating of per diode
Max.45
mA
Junction Capacitance
Cj
f=1MHz, VR=10V,
Rating of per diode
Typ.1160
pF
Thermal Resistance
θjc
junction to case
Max.0.8 ℃/W


Similar Part No. - DF40PC3

ManufacturerPart #DatasheetDescription
logo
Inchange Semiconductor ...
DF40PC3 ISC-DF40PC3 Datasheet
326Kb / 2P
Schottky Barrier Diode
logo
Shindengen Electric Mfg...
DF40PC3 SHINDENGEN-DF40PC3_10 Datasheet
539Kb / 2P
Schottky Barrier Diode
More results

Similar Description - DF40PC3

ManufacturerPart #DatasheetDescription
logo
Shindengen Electric Mfg...
D1FP3 SHINDENGEN-D1FP3 Datasheet
569Kb / 8P
Schottky Rectifiers (SBD) (30V 2A)
DE10PC3 SHINDENGEN-DE10PC3 Datasheet
533Kb / 8P
Schottky Rectifiers (SBD) (30V 10A)
DE5PC3 SHINDENGEN-DE5PC3 Datasheet
541Kb / 8P
Schottky Rectifiers (SBD) (30V 5A)
DF20PC3M SHINDENGEN-DF20PC3M Datasheet
535Kb / 8P
Schottky Rectifiers (SBD) (30V 20A)
DF40SC3L SHINDENGEN-DF40SC3L Datasheet
554Kb / 10P
Schottky Rectifiers (SBD) (30V 40A)
DF40SC4 SHINDENGEN-DF40SC4 Datasheet
576Kb / 10P
Schottky Rectifiers (SBD) (40V 40A)
S60SC3ML SHINDENGEN-S60SC3ML Datasheet
534Kb / 10P
Schottky Rectifiers (SBD) (30V 60A)
SF20SC3L SHINDENGEN-SF20SC3L Datasheet
619Kb / 10P
Schottky Rectifiers (SBD) (30V 20A)
SF30SC3L SHINDENGEN-SF30SC3L Datasheet
597Kb / 10P
Schottky Rectifiers (SBD) (30V 30A)
SF5SC3L SHINDENGEN-SF5SC3L Datasheet
629Kb / 10P
Schottky Rectifiers (SBD) (30V 5A)
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com